| Electronic Components Datasheet Search |
|
AM2432BSDFHIALVR Datasheet(PDF) 89 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2432BSDFHIALVR Datasheet(HTML) 89 Page - Texas Instruments |
|
89 / 242 page ![]() Table 6-66. Reserved Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] RSVD8 (1) RSVD Reserved (RSVD8) F12 (1) This pin is reserved and must remain unconnected. 6.3.22 SERDES MAIN Domain Instances Table 6-67. SERDES0 Signal Descriptions Signal Name [1] ((2)) ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] PCIE0_CLKREQn IO PCIE Clock Request Signal D16 C11 SERDES0_REXT A External Calibration Resistor T13 SERDES0_REFCLK0N IO Serdes Reference Clock Input/Output (negative) W16 SERDES0_REFCLK0P IO Serdes Reference Clock Input/Output (positive) W17 SERDES0_RX0_N I SERDES Differential Receive Data (negative) Y15 SERDES0_RX0_P I SERDES Differential Receive Data (positive) Y16 SERDES0_TX0_N O SERDES Differential Transmit Data (negative) AA16 SERDES0_TX0_P O SERDES Differential Transmit Data (positive) AA17 (1) The functionality of these pins is controlled by SERDES0_LN0_CTRL_LANE_FUNC_SEL register. (2) The SERDES0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 6.3.23 System and Miscellaneous 6.3.23.1 Boot Mode Configuration MAIN Domain Instances Table 6-68. Sysboot Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] BOOTMODE00 I Bootmode pin 0 T20 R21 BOOTMODE01 I Bootmode pin 1 U21 R20 BOOTMODE02 I Bootmode pin 2 T18 T19 BOOTMODE03 I Bootmode pin 3 U20 V21 BOOTMODE04 I Bootmode pin 4 U18 U21 BOOTMODE05 I Bootmode pin 5 U19 T20 BOOTMODE06 I Bootmode pin 6 V20 T18 BOOTMODE07 I Bootmode pin 7 V21 U19 BOOTMODE08 I Bootmode pin 8 V19 U18 BOOTMODE09 I Bootmode pin 9 T17 U20 BOOTMODE10 I Bootmode pin 10 R16 V20 BOOTMODE11 I Bootmode pin 11 W20 W20 BOOTMODE12 I Bootmode pin 12 W21 Y20 BOOTMODE13 I Bootmode pin 13 V18 Y19 BOOTMODE14 I Bootmode pin 14 Y21 Y18 BOOTMODE15 I Bootmode pin 15 Y20 AA19 6.3.23.2 CLOCK MCU Domain Instances Table 6-69. MCU Clock Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_OSC0_XI I High frequency oscillator input C21 D20 MCU_OSC0_XO O High frequency oscillator output B20 C21 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 89 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |