Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64893AFP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M64893AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Method of setting data
27
BS4 BS3 BS2 BS1
28
26
25
24
23
22
21
20
24
23
22
21
20
29
M8 M7
M6 M5
M4 M3
M2 M1
M0 S4
S3 S2
S1 S0
M9
BAND SW
DATA
READ INTO LATCH
M COUNTER DIVISION
RATIO SETTING
S COUNTER DIVISION
RATIO SETTING
READ INTO LATCH
The frequency demultiplying ratio uses 15bits. Setting up the band switching output uses 4bits.
The test mode data uses 8bits. The total bits used is 27bits.Data is read in when the enable signal is "H" and
the clock signal falls.
The band switching data is read in at the 4th pulse of the clock signal.The program counter data is read into
the latch by the fall of the 19th pulse of the clock signal. When the enable signal goes to "L" before the 19th
pulse of the enable signal, only the band SW data is updated and other data is ignored.
The data is latched at the 19th pulse of the clock signal. At this time, 1/640 frequency division ratio is
used. Clock signals after the above are invalid.
How to set the dividing ratio of the programmable divider
Total division N is given by the following formulas in addition to the prescaler used in the previous stage.
N=8 • (32M + S)
M : 10 bit main counter division
S : 5 bit swallow counter division
The M and S counters are binary the possible ranges of division are as follows.
32
≤ M ≤ 1023
O
≤ S ≤ 31
Therefore,the range of division N is 8,192 to 262,136.
The tuning frequency f VCO is given in the following equations.
f VCO= f REF x N
=6.25 x 8 x (32M + S)
=50.0 x (32M + S)
[ kHz ]
But,the tuning frequency range is 51.2MHz to 1300Mz from the maximum prescaler operating
frequency.
3
E N A
D A T A
C L K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com