Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64893AFP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Electrical characteristics (Ta=-20°C to +75°C unless otherwise noted)
Vcc1=5.0V, Vcc=12V, Vcc3=33V
Parameters
Input terminals
"H"input voltage
"L"input voltage
"H"input current
"L"input current
"L"input current
Lock output
"H"output voltage
"L"output voltage
Band SW
output voltage
Leak current
Tuning output
output voltage "H"
output voltage "L"
Charge pump
"H" output current
"L" output current
Leak current
Supply current 1
Supply current 2
4 circuits OFF
1 circuits ON,
Output open
Output current 40mA
Supply current 3
Symbol
VIH
VIL
IIH
IIL
IIL
VOH
VOL
VBS
IOlk2
VtoH
VtoL
ICPH
ICPL
IcpLK
Icc1
Icc2A
Icc2B
Icc2C
Icc3
Unit
V
V
uA
uA
uA
V
V
V
uA
V
V
uA
uA
nA
mA
mA
mA
mA
mA
Test pin
13 to 15
13 to 15
13 to 15
13,15
14
12
12
5 to 8
5 to 8
10
10
9
9
9
3
4
4
4
11
Test conditions
Vcc1=5.5V ,Vi=4.0V
Vcc1=5.5V,Vi=0.4V
Vcc1=5.5V ,Vi=0.4V
Vcc1=5.5V
Vcc1=5.5V
Vcc2=12V Io=-40mA
Vcc2=12V Band SW is OFF
Vcc3=33V
Vcc3=33V
Vcc1=5.0V Vo=1V
Vcc1=5.0V Vo=1V
Vcc1=5.0V Vo=2.5V
Vcc1=5.5V
Vcc2=12V
Vcc2=12V
Vcc2=12V Io=-40mA
Vcc3=33V Output ON
Limits
Min
Typ
Max
3.0
-
Vcc1+0.3
-
-
1.5
-
-
10
-
-6
-10
-
-18
-30
5.0
-
-
-
0.3
0.5
11.6
11.8
-
-
-
-10
32.5
-
-
-
0.2
0.4
-
±270
±370
-
±70
±110
-
-
±50
-
20
30
-
-
0.3
-
6.0
8.0
-
46.0
48.0
-
3.0
4.0
The typical values are at Vcc1=5V,Vcc2=12V,Vcc3=33V,Ta=+25°C
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com