Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64893AFP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M64893AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Absolute maximum ratings (Ta=-20°C to +75°C unless otherwise noted)
Parameter
Supply voltage 1
Supply voltage 2
Supply voltage 3
Input voltage
Output voltage
Voltage applied when
the band output is OFF
Band output current
ON the time when the
band output is ON
Power dissipation
Operating temperature
Storage temperature
Symbols
Vcc1
Vcc2
Vcc3
VI
Vo
VBSOFF
IBSON
tBSON
Pd
Topr
Tstg
Max.ratings
6.0
14.4
36.0
6.0
6.0
14.4
50.0
10
470
-20 to +75
-40 to +125
Units
V
V
V
V
V
V
mA
sec
mW
°C
°C
Conditions
Pin3
Pin4
Pin11
Not to exceed Vcc1
LD output
per 1 band output circuit
50mA per 1 band output circuit
3circuits are pn at same time,
Ta= +75°C
Recommended operating conditions (Ta=-20°C to +75°Cunless otherwise noted)
Parameter
Supply voltage 1
Supply voltage 2
Supply voltage 3
Operating frequency (1)
Operating frequency (2)
Band output current 5 to 8
Conditions
Crystal oscillation circuit
Normally 1 circuit is on. 2 circuits on at the
same time is max. It is prohibited to have
3 or more circuits turned on at the same
time.
Units
V
V
V
MHz
MHz
mA
Ratings
4.5 to 5.5
Vcc1 to 13.2
28 to 35
4.0
80 to 1,300
0 to 40
Symbol
Vcc1
Vcc2
Vcc3
fopr1
fopr2
IBDL
Pin3
Pin4
Pin11
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com