Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64893AFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Application example
BUILT-IN PLL TUNER
20
4
3
/ f1/N
LD
EN
DATA
CLK
1
16
15
9
10
17
11
12
13
14
6
7
8
IN
XOUT
PD
18
1000 ÇêÇe
47k
47k
47k
47k
4-BAND
TUNER
UHF
VHF
Vcc1 to 12V
+5V
+
-
MCU
M5493X
series
+5V
16
11
10
9
7
6
5
4
3
14
13
15
12
4MHz
M64893AFP / AGP
IF
AGC
18p
1.5n
56K
100P
2.2n
10µ
56K
IF
AGC
AFT
VT
Lo
BS1
BS2
BS3
BS4
+B
0.1u
+
-
+
-
Note)Filter constant is for reference.
Add a capacitor to stabilize the circuit.
10
1000pF
Vcc2
SW
5
2
B S 3
B S 4
B S 2
B S 1
f IN
G N D
X
G N D
+ 3 3 V
B T
8
1000pF
*
*
T E S T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com