Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3213136 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3213136 Datasheet HTML 1Page - PHOENIX CONTACT 3213136 Datasheet HTML 2Page - PHOENIX CONTACT 3213136 Datasheet HTML 3Page - PHOENIX CONTACT 3213136 Datasheet HTML 4Page - PHOENIX CONTACT 3213136 Datasheet HTML 5Page - PHOENIX CONTACT 3213136 Datasheet HTML 6Page - PHOENIX CONTACT 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 3 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Technical data
Connection data
Hole diameter, min.
8.4 mm
Cable lug width, max.
22 mm
Bolt diameter
8 mm
Screw thread
M8
Tightening torque, min
6 Nm
Tightening torque max
12 Nm
Cable lug connection according to standard
DIN 46235:1983-07
Min. cross section for cable lug connection
16 mm²
Max. cross section for cable lug connection
70 mm²
Hole diameter, min.
8.4 mm
Cable lug width, max.
24 mm
Bolt diameter
8 mm
Screw thread
M8
Tightening torque, min
6 Nm
Tightening torque max
12 Nm
Cable lug connection according to standard
DIN 46237:1970-07
Min. cross section for cable lug connection
2.5 mm²
Max. cross section for cable lug connection
6 mm²
Hole diameter, min.
8.4 mm
Cable lug width, max.
14 mm
Bolt diameter
8 mm
Screw thread
M8
Tightening torque, min
6 Nm
Tightening torque max
12 Nm
Standards and Regulations
Connection in acc. with standard
CSA
IEC 60947-7-1
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com