Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3213136 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 3213136 Datasheet HTML 2Page - PHOENIX CONTACT 3213136 Datasheet HTML 3Page - PHOENIX CONTACT 3213136 Datasheet HTML 4Page - PHOENIX CONTACT 3213136 Datasheet HTML 5Page - PHOENIX CONTACT 3213136 Datasheet HTML 6Page - PHOENIX CONTACT 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT 3213136 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 6 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Approvals
 
B
C
Nominal current IN
175 A
175 A
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
B
C
Nominal voltage UN
600 V
600 V
Nominal current IN
175 A
175 A
EAC 
 
 RU C-
DE.A*30.B.01742
EAC 
 
 RU C-
DE.BL08.B.00540
Accessories
Accessories
Bridge
Connection rail - RBO 8-VS 2 - 3213179
Bridge, 2-pos.
 
 
Connection rail - RBO 8-VS 3 - 3213182
Connection rail, number of positions: 3, color: silver
 
 
Cover profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com