Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3213136 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3213136 Datasheet HTML 1Page - PHOENIX CONTACT 3213136 Datasheet HTML 2Page - PHOENIX CONTACT 3213136 Datasheet HTML 3Page - PHOENIX CONTACT 3213136 Datasheet HTML 4Page - PHOENIX CONTACT 3213136 Datasheet HTML 5Page - PHOENIX CONTACT 3213136 Datasheet HTML 6Page - PHOENIX CONTACT 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 2 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Technical data
General
Insulating material group
I
Maximum power dissipation for nominal condition
6.27 W
Maximum load current
192 A (in case of a 70 mm² conductor cross section, the maximum
load current must not be exceeded by the total current of all connected
conductors.)
Nominal current IN
192 A
Nominal voltage UN
1000 V
Open side panel
No
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Static insulating material application in cold
-60 °C
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
29 mm
Length
136 mm
Height
66 mm
Height NS 35/7,5
67 mm
Height NS 35/15
74.5 mm
Pitch
29 mm
Connection data
Connection
1 level
Connection method
Bolt connection
Stripping length
The stripping length depends on the specification provided by the cable
lug manufacturer.
Connection in acc. with standard
IEC 60947-7-1
Cable lug connection according to standard
DIN 46234:1980-03
Min. cross section for cable lug connection
2.5 mm²
Max. cross section for cable lug connection
70 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com