Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3213136 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3213136 Datasheet HTML 1Page - PHOENIX CONTACT 3213136 Datasheet HTML 2Page - PHOENIX CONTACT 3213136 Datasheet HTML 3Page - PHOENIX CONTACT 3213136 Datasheet HTML 4Page - PHOENIX CONTACT 3213136 Datasheet HTML 5Page - PHOENIX CONTACT 3213136 Datasheet HTML 6Page - PHOENIX CONTACT 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 1 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Bolt connection terminal block, nom. voltage: 1000 V, nominal current: 192 A, connection method: Bolt
connection, number of connections: 2, number of positions: 1, width: 29 mm, height: 66 mm, color: blue,
mounting type: NS 35/7,5, NS 35/15
Your advantages
 Mounting on standard DIN rails or directly in control boxes
 Tested for railway applications
Key Commercial Data
Packing unit
5 pc
GTIN
GTIN
4046356719230
Technical data
General
Number of positions
1
Number of levels
1
Number of connections
2
Potentials
1
Nominal cross section
70 mm²
Color
blue
Insulating material
PA
Flammability rating according to UL 94
V0
Area of application
Railway industry
Machine building
Plant engineering
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III


Similar Part No. - 3213136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3213138 PHOENIX-3213138 Datasheet
184Kb / 22P
Disconnect terminal block - PT 1,5/S-TG
More results

Similar Description - 3213136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3049148 PHOENIX-3049148 Datasheet
81Kb / 5P
Bolt connection terminal block - RT 8 BU
3049767 PHOENIX-3049767 Datasheet
154Kb / 15P
Bolt connection terminal block - RTO 5 BU
3049864 PHOENIX-3049864 Datasheet
128Kb / 11P
Bolt connection terminal block - RTO 8 BU
3075896 PHOENIX-3075896 Datasheet
75Kb / 6P
Bolt connection terminal block - RBO 6
3075935 PHOENIX-3075935 Datasheet
76Kb / 7P
Bolt connection terminal block - RBO 6-F
3049123 PHOENIX-3049123 Datasheet
227Kb / 20P
Bolt connection terminal block - RT 5 BU
09/12/2020
3076044 PHOENIX-3076044 Datasheet
186Kb / 16P
Bolt connection terminal block - RBO 8-3L-HC
09/12/2020
3058059 PHOENIX-3058059 Datasheet
152Kb / 13P
Bolt connection terminal block - RBO 5
09/12/2020
3059236 PHOENIX-3059236 Datasheet
149Kb / 12P
Bolt connection terminal block - RSC 5-F/8
09/12/2020
3244628 PHOENIX-3244628 Datasheet
197Kb / 15P
Bolt connection terminal block - RBO 12-FE
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com