Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7410EC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 26Page - NXP Semiconductors MPC7410EC Datasheet HTML 27Page - NXP Semiconductors MPC7410EC Datasheet HTML 28Page - NXP Semiconductors MPC7410EC Datasheet HTML 29Page - NXP Semiconductors MPC7410EC Datasheet HTML 30Page - NXP Semiconductors MPC7410EC Datasheet HTML 31Page - NXP Semiconductors MPC7410EC Datasheet HTML 32Page - NXP Semiconductors MPC7410EC Datasheet HTML 33Page - NXP Semiconductors MPC7410EC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
30
Freescale Semiconductor
Package Description
7.3 Mechanical Dimensions for the MPC7410, 360 CBGA and
360 HCTE_CBGA
Figure 17 provides the mechanical dimensions and bottom surface nomenclature of the MPC7410, 360 CBGA and
360 HCTE_CBGA packages.
Figure 17. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7410,
360 CBGA and 360 HCTE_CBGA Packages
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH
VARIOUS SHAPES. BOTTOM SIDE A1
CORNER IS DESIGNATED WITH A
BALL MISSING FROM THE ARRAY.
Millimeters
DIM
MIN
MAX
A
2.72
3.20
A1
0.80
1.00
A2
1.10
1.30
A3
—
0.60
A4
0.82
0.90
b
0.82
0.93
D
25.00 BSC
D2
—
12.50
D4
6.00
9.00
e1.27 BSC
E
25.00 BSC
E2
—
14.30
E4
8.00
11.00
F
22.86 BSC
K1
—
9.75
K2
6.46
—
K3
8.20
8.60
K4
2.75
—
L1
—
9.50
L2
6.94
—
L3
3.10
3.30
L4
3.00
—
A
A1
A2
C
0.15 C
0.25 C
//
0.35 C
//
A3
A4
B
C
360X
e
123456789 10 11 1213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
0.3
C
0.15
b
171819
U
W
V
F
F
0.2
D
2X
A1 CORNER
E
E2
D2
0.2
2X
B
A
E4
D4
K1
K2
L1
L2
K3
L3
Capacitor Region
K4
L4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com