Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7410EC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 42Page - NXP Semiconductors MPC7410EC Datasheet HTML 43Page - NXP Semiconductors MPC7410EC Datasheet HTML 44Page - NXP Semiconductors MPC7410EC Datasheet HTML 45Page - NXP Semiconductors MPC7410EC Datasheet HTML 46Page - NXP Semiconductors MPC7410EC Datasheet HTML 47Page - NXP Semiconductors MPC7410EC Datasheet HTML 48Page - NXP Semiconductors MPC7410EC Datasheet HTML 49Page - NXP Semiconductors MPC7410EC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
46
Freescale Semiconductor
System Design Information
Thermagon Inc.
888-246-9050
4707 Detroit Ave.
Cleveland, OH 44102
Internet: www.thermagon.com
8.8.3 Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
Tj = Ta + Tr + (θjc + θint + θsa) × Pd
where:
Tj is the die-junction temperature
Ta is the inlet cabinet ambient temperature
Tr is the air temperature rise within the computer cabinet
θjc is the junction-to-case thermal resistance
θint is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
Pd is the power dissipated by the device
During operation the die-junction temperatures (Tj) should be maintained less than the value specified in Table 3.
The temperature of the air cooling the component greatly depends upon the ambient inlet air temperature and the air
temperature rise within the electronic cabinet. An electronic cabinet inlet-air temperature (Ta) may range from 30°
to 40°C. The air temperature rise within a cabinet (Tr) may be in the range of 5° to 10°C. The thermal resistance of
the thermal interface material (
θint) is typically about 1°C/W. Assuming a Ta of 30°C, a Tr of 5°C, a CBGA package
θ
jc = 0.03, and a power consumption (Pd) of 5.0 W, the following expression for Tj is obtained:
Die-junction temperature:
Tj = 30°C + 5°C + (0.03°C/W + 1.0°C/W + θsa) × 5.0 W
For a Thermalloy heat sink #2328B, the heat sink-to-ambient thermal resistance (
θ
sa) versus airflow velocity is
shown in Figure 30.
Assuming an air velocity of 0.5 m/s, we have an effective Rsa of 7°C/W, thus
Tj = 30°C + 5°C + (0.03°C/W + 1.0°C/W + 7°C/W) × 5.0 W,
resulting in a die-junction temperature of approximately 75°C which is well within the maximum operating
temperature of the component.
Other heat sinks offered by Aavid Thermalloy, Alpha Novatech, The Bergquist Company, IERC, and Wakefield
Engineering offer different heat sink-to-ambient thermal resistances, and may or may not need airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com