| Electronic Components Datasheet Search |
|
MPC7410EC Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC7410EC Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 56 page ![]() MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1 44 Freescale Semiconductor System Design Information 8.8.1 Internal Package Conduction Resistance For the exposed-die packaging technology, shown in Table 3, the intrinsic conduction thermal resistance paths are as follows: • The die junction-to-case (or top-of-die for exposed silicon) thermal resistance • The die junction-to-ball thermal resistance Figure 28 depicts the primary heat transfer path for a package with an attached heat sink mounted to a printed-circuit board. Heat generated on the active side of the chip is conducted through the silicon, then through the heat sink attach material (or thermal interface material), and finally to the heat sink where it is removed by forced-air convection. Since the silicon thermal resistance is quite small, for a first-order analysis, the temperature drop in the silicon may be neglected. Thus, the heat sink attach material and the heat sink conduction/convective thermal resistances are the dominant terms. Figure 28. C4 Package with Heat Sink Mounted to a Printed-Circuit Board 8.8.2 Adhesives and Thermal Interface Materials A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the thermal contact resistance. For those applications where the heat sink is attached by spring clip mechanism, Figure 29 shows the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure. As shown, the performance of these thermal interface materials improves with increasing contact pressure. The use of thermal grease significantly reduces the interface thermal resistance. That is, the bare joint results in a thermal resistance approximately seven times greater than the thermal grease joint. Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see Figure 26). This spring force should not exceed 5.5 pounds of force. Therefore, the synthetic grease offers the best thermal performance, considering the low interface pressure. Of course, the selection of any thermal interface material depends on many factors—thermal performance requirements, manufacturability, service temperature, dielectric properties, cost, and so on. External Resistance External Resistance Internal Resistance Note the internal versus external package resistance. Radiation Convection Radiation Convection Heat Sink Printed-Circuit Board Thermal Interface Material Package/Leads Die Junction Die/Package |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |