Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB7002
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB7002 Datasheet HTML 14Page - Microchip Technology USB7002 Datasheet HTML 15Page - Microchip Technology USB7002 Datasheet HTML 16Page - Microchip Technology USB7002 Datasheet HTML 17Page - Microchip Technology USB7002 Datasheet HTML 18Page - Microchip Technology USB7002 Datasheet HTML 19Page - Microchip Technology USB7002 Datasheet HTML 20Page - Microchip Technology USB7002 Datasheet HTML 21Page - Microchip Technology USB7002 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
USB7002
DS00002670G-page 18
 2022 Microchip Technology Inc. and its subsidiaries
Slave SMBus/I2C Interface
SLV_I2C_CLK
I/O12
Slave SMBus/I2C controller clock (SMBus/I2C controller 2)
SLV_I2C_DATA
I/O12
Slave SMBus/I2C controller data (SMBus/I2C controller 2)
SPI Interface
SPI_CLK
I/O-U
SPI clock. If the SPI interface is enabled, this pin must be driven low during
reset.
SPI_D[3:0]
I/O-U
SPI Data 3-0. If the SPI interface is enabled, these signals function as Data
3 through 0.
SPI_CE_N
I/O12
Active low SPI chip enable input. If the SPI interface is enabled, this pin
must be driven high in powerdown states.
UART Interface
UART_TX
O12
UART Transmit
UART_RX
I
UART Receive
UART_nCTS
I
UART Clear To Send
UART_nRTS
O12
UART Request To Send
UART_nDCD
I
UART Data Carrier Detect
UART_nDSR
I
UART Data Set Ready
UART_nDTR
O12
UART Data Terminal Ready
I2S Interface
I2S_SDI
I
I2S Serial Data In
I2S_SDO
O12
I2S Serial Data Out
I2S_SCK
O12
I2S Continuous Serial Clock
I2S_LRCK
O12
I2S Word Select / Left-Right Clock
I2S_MCLK
O12
I2S Master Clock
MIC_DET
I
I2S Microphone Plug Detect
0 = No microphone plugged into the audio jack
1 = Microphone plugged into the audio jack
Miscellaneous
DP2_VCONN1
I/O12
Port 2 VCONN1 enable
DP2_VCONN2
I/O12
Port 2 VCONN2 enable
DP2_DISCHARGE
I/O12
Port 2 DISCHARGE enable
DP1_VCONN1
I/O12
Port 1 VCONN1 enable
DP1_VCONN2
I/O12
Port 1 VCONN2 enable
TABLE 3-6:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Function
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com