Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB7002
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002 Datasheet(HTML) 5 Page - Microchip Technology

  USB7002 Datasheet HTML 1Page - Microchip Technology USB7002 Datasheet HTML 2Page - Microchip Technology USB7002 Datasheet HTML 3Page - Microchip Technology USB7002 Datasheet HTML 4Page - Microchip Technology USB7002 Datasheet HTML 5Page - Microchip Technology USB7002 Datasheet HTML 6Page - Microchip Technology USB7002 Datasheet HTML 7Page - Microchip Technology USB7002 Datasheet HTML 8Page - Microchip Technology USB7002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002670G-page 5
USB7002
1.2
Buffer Types
1.3
Reference Documents
1.
Universal Serial Bus Revision 3.2 Specification
, http://www.usb.org
2.
Battery Charging Specification
, Revision 1.2, Dec. 07, 2010, http://www.usb.org
3.
I2C-Bus Specification
, Version 1.1, http://www.nxp.com/documents/user_manual/UM10204.pdf
4.
I2S-Bus Specification
, http://www.nxp.com/acrobat_download/various/I2SBUS.pdf
5.
System Management Bus Specification
, Version 1.0, http://smbus.org/specs
TABLE 1-2:
BUFFER TYPES
Buffer Type
Description
I
Input.
IS
Input with Schmitt trigger.
O12
Output buffer with 12 mA sink and 12 mA source.
OD12
Open-drain output with 12 mA sink
PU
50 μA (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-
ups are always enabled.
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal
resistors to drive signals external to the device. When connected to a load that must be
pulled high, an external resistor must be added.
PD
50 μA (typical) internal pull-down. Unless otherwise noted in the pin description, internal
pull-downs are always enabled.
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled low, an external resistor must be added.
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
I/O-U
Analog input/output defined in USB specification.
I-R
RBIAS.
A
Analog.
PPower pin.
Note:
Additional USB7002 resources can be found on the Microchip USB7002 product page at www.micro-
chip.com/USB7002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com