Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB7002
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB7002 Datasheet HTML 6Page - Microchip Technology USB7002 Datasheet HTML 7Page - Microchip Technology USB7002 Datasheet HTML 8Page - Microchip Technology USB7002 Datasheet HTML 9Page - Microchip Technology USB7002 Datasheet HTML 10Page - Microchip Technology USB7002 Datasheet HTML 11Page - Microchip Technology USB7002 Datasheet HTML 12Page - Microchip Technology USB7002 Datasheet HTML 13Page - Microchip Technology USB7002 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
USB7002
DS00002670G-page 10
 2022 Microchip Technology Inc. and its subsidiaries
3.2
Pin Descriptions
This section contains descriptions of the various USB7002 pins. The “_N” symbol in the signal name indicates that the
active, or asserted, state occurs when the signal is at a low voltage level. For example, RESET_N indicates that the
reset signal is active low. When “_N” is not present after the signal name, the signal is asserted when at the high voltage
level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signal. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
Buffer type definitions are detailed in Section 1.2, Buffer Types.
TABLE 3-1:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB 3.2 Gen 1 Interfaces
Upstream USB
3.2 Gen 1 TX D+
Orientation A
USB3UP_TXDPA
I/O-U
Upstream USB Type-C® “Orientation A” USB 3.2 Gen 1
Transmit Data Plus.
Upstream USB
3.2 Gen 1 TX D-
Orientation A
USB3UP_TXDMA
I/O-U
Upstream USB Type-C “Orientation A” USB 3.2 Gen 1
Transmit Data Minus.
Upstream USB
3.2 Gen 1 RX D+
Orientation A
USB3UP_RXDPA
I/O-U
Upstream USB Type-C “Orientation A” USB 3.2 Gen 1
Receive Data Plus.
Upstream USB
3.2 Gen 1 RX D-
Orientation A
USB3UP_RXDMA
I/O-U
Upstream USB Type-C “Orientation A” USB 3.2 Gen 1
Receive Data Minus.
Upstream USB
3.2 Gen 1 TX D+
Orientation B
USB3UP_TXDPB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.2 Gen 1
Transmit Data Plus.
Upstream USB
3.2 Gen 1 TX D-
Orientation B
USB3UP_TXDMB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.2 Gen 1
Transmit Data Minus.
Upstream USB
3.2 Gen 1 RX D+
Orientation B
USB3UP_RXDPB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.2 Gen 1
Receive Data Plus.
Upstream USB
3.2 Gen 1 RX D-
Orientation B
USB3UP_RXDMB
I/O-U
Upstream USB Type-C “Orientation B” USB 3.2 Gen 1
Receive Data Minus.
Downstream
Port 1 USB 3.2
Gen 1 TX D+
Orientation A
USB3DN_TXDP1A
I/O-U
Downstream USB Type-C “Orientation A” Super Speed
Transmit Data Plus, port 1.
Downstream
Port 1 USB 3.2
Gen 1 TX D- Ori-
entation A
USB3DN_TXDM1A
I/O-U
Downstream USB Type-C “Orientation A” Super Speed
Transmit Data Minus, port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com