Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB7002
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB7002 Datasheet HTML 8Page - Microchip Technology USB7002 Datasheet HTML 9Page - Microchip Technology USB7002 Datasheet HTML 10Page - Microchip Technology USB7002 Datasheet HTML 11Page - Microchip Technology USB7002 Datasheet HTML 12Page - Microchip Technology USB7002 Datasheet HTML 13Page - Microchip Technology USB7002 Datasheet HTML 14Page - Microchip Technology USB7002 Datasheet HTML 15Page - Microchip Technology USB7002 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
USB7002
DS00002670G-page 12
 2022 Microchip Technology Inc. and its subsidiaries
Downstream
Port 2 USB 3.2
Gen 1 TX D-
Orientation B
USB3DN_TXDM2B
I/O-U
Downstream USB Type-C “Orientation B” Super Speed
Transmit Data Minus, port 2.
Downstream
Port 2 USB 3.2
Gen 1 RX D+
Orientation B
USB3DN_RXDP2B
I/O-U
Downstream USB Type-C “Orientation B” Super Speed
Receive Data Plus, port 2.
Downstream
Port 2 USB 3.2
Gen 1 RX D-
Orientation B
USB3DN_RXDM2B
I/O-U
Downstream USB Type-C “Orientation B” Super Speed
Receive Data Minus, port 2.
USB 2.0 Interfaces
Upstream USB
2.0 D+
USB2UP_DP
I/O-U
Upstream USB 2.0 Data Plus (D+).
Upstream USB
2.0 D-
USB2UP_DM
I/O-U
Upstream USB 2.0 Data Minus (D-).
Downstream
Ports 1-4 USB
2.0 D+
USB2DN_DP[1:4]
I/O-U
Downstream USB 2.0 Ports 1-4 Data Plus (D+).
Downstream
Ports 1-4 USB
2.0 D-
USB2DN_DM[1:4]
I/O-U
Downstream USB 2.0 Ports 1-4 Data Minus (D-)
VBUS Detect
VBUS_DET
IS
This signal detects the state of the upstream bus power
in legacy Type-B upstream implementations.
When designing a detachable hub, this pin must be con-
nected to the VBUS power pin of the upstream USB port
through a resistor divider (50 k
by 100 k) to provide
3.3 V.
For self-powered applications with a permanently
attached host, this pin must be connected to either 3.3 V
or 5.0 V through a resistor divider to provide 3.3 V.
In embedded applications, VBUS_DET may be con-
trolled (toggled) when the host desires to renegotiate a
connection without requiring a full reset of the device.
USB Type-C Connector Control
Downstream
Port 1 Type-C
Voltage Monitor
DP1_VBUS_MON
I/O12
Used to detect Type-C VBUS vSafe5V and vSafe0V
states on Port 1. A potential divider is needed for this pin
(43 k
to 49.9 k, 1.0%).
Downstream
Port 1 Type-C
CC1
DP1_CC1
I/O12
Used for Type-C attach and orientation detection on Port
1. Includes configurable Rp/Ra selection. Connect this
pin directly to the CC1 pin of the respective Type-C con-
nector.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com