Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC5643L Datasheet HTML 1Page - NXP Semiconductors MPC5643L Datasheet HTML 2Page - NXP Semiconductors MPC5643L Datasheet HTML 3Page - NXP Semiconductors MPC5643L Datasheet HTML 4Page - NXP Semiconductors MPC5643L Datasheet HTML 5Page - NXP Semiconductors MPC5643L Datasheet HTML 6Page - NXP Semiconductors MPC5643L Datasheet HTML 7Page - NXP Semiconductors MPC5643L Datasheet HTML 8Page - NXP Semiconductors MPC5643L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
3
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the devices.
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5643L series of
microcontroller units (MCUs). For functional characteristics, see the MPC5643L Microcontroller Reference Manual. For use
of the MPC5643Lin a fail-safe system according to safety standard ISO26262, see the Safety Application Guide for MPC5643L.
1.2
Description
The MPC5643L series microcontrollers are system-on-chip devices that are built on Power Architecture technology and contain
enhancements that improve the architecture’s fit in embedded applications, include additional instruction support for digital
signal processing (DSP) and integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital
converter, Controller Area Network, and an enhanced modular input-output system.
The MPC5643L family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It
belongs to an expanding range of automotive-focused products designed to address electrical hydraulic power steering (EHPS),
electric power steering (EPS) and airbag applications. The advanced and cost-efficient host processor core of the MPC5643L
automotive controller family complies with the Power Architecture embedded category. It operates at speeds as high as
120 MHz and offers high-performance processing optimized for low power consumption. It capitalizes on the available
development infrastructure of current Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users’ implementations.
1.3
Device comparison
Table 1. MPC5643L device summary
Feature
MPC5643L
CPU
Type
2 × e200z4
(in lock-step or decoupled operation)
Architecture
Harvard
Execution speed
0–120 MHz (+2% FM)
DMIPS intrinsic performance
>240 MIPS
SIMD (DSP + FPU)
Yes
MMU
16 entry
Instruction set PPC
Yes
Instruction set VLE
Yes
Instruction cache
4 KB, EDC
MPU-16 regions
Yes, replicated module
Semaphore unit (SEMA4)
Yes
Buses
Core bus
AHB, 32-bit address, 64-bit data
Internal periphery bus
32-bit address, 32-bit data
Crossbar
Master × slave ports
Lock Step Mode: 4 × 3
Decoupled Parallel Mode: 6 × 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com