Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 98 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MPC5643L Datasheet HTML 94Page - NXP Semiconductors MPC5643L Datasheet HTML 95Page - NXP Semiconductors MPC5643L Datasheet HTML 96Page - NXP Semiconductors MPC5643L Datasheet HTML 97Page - NXP Semiconductors MPC5643L Datasheet HTML 98Page - NXP Semiconductors MPC5643L Datasheet HTML 99Page - NXP Semiconductors MPC5643L Datasheet HTML 100Page - NXP Semiconductors MPC5643L Datasheet HTML 101Page - NXP Semiconductors MPC5643L Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
98
Table 25. ADC conversion characteristics
Symbol
Parameter
Conditions1
1 T
J = –40 to +150 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
Min
Typ
Max
Unit
fCK
SR ADC Clock frequency (depends on ADC
configuration)
(The duty cycle depends on AD_CK2
frequency)
2 AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
—3
—
60
MHz
fs
SR Sampling frequency
—
—
—
983.6
3
3 This is the maximum frequency that the analog portion of the ADC can attain. A sustained conversion at this frequency is not
possible.
KHz
tsample
D Sample time4
60 MHz
383
—
—
ns
teval
D Evaluation time5
60 MHz
600
—
—
ns
CS
6
D ADC input sampling capacitance
—
—
—
7.32
pF
CP1
6
D ADC input pin capacitance 1
—
—
—
5(7)
pF
CP2
6
D ADC input pin capacitance 2
—
—
—
0.8
pF
RSW1
6
D Internal resistance of analog source
VREF range = 4.5 to 5.5 V
—
—
0.3
k
Ω
VREF range = 3.0 to 3.6 V
—
—
875
Ω
RAD
6
D Internal resistance of analog source
—
—
—
825
Ω
INL
P Integral non linearity
—
–3
—
3
LSB
DNL
P Differential non linearity8
—–1
—
2
LSB
OFS
T Offset error
—
–6
—
6
LSB
GNE
T Gain error
—
–6
—
6
LSB
IS1WINJ
(single ADC channel)
C Max positive/negative injection
–3
—
3
mA
IS1WWINJ
(double ADC channel)
C Max positive/negative injection
|Vref_ad0 - Vref_ad1| <
150mV
–3.6
—
3.6
mA
SNR
T Signal-to-noise ratio
Vref = 3.3V
67
—
—
dB
SNR
T Signal-to-noise ratio
Vref = 5.0V
69
—
—
dB
THD
T Total harmonic distortion
—
-65
—
—
dB
SINAD
T Signal-to-noise and distortion
—
65
—
—
dB
ENOB
T Effective number of bits
—
10.5
—
—
bits
TUEIS1WINJ
T Total unadjusted error for IS1WINJ (single ADC
channels)
Without current injection
–6
—
6
LSB
With current injection
–8
—
8
LSB
TUEIS1WWINJ P Total unadjusted error for IS1WWINJ (double
ADC channels)
Without current injection
–8
—
8
LSB
T
With current injection
–10
—
10
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com