Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5643L Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MPC5643L Datasheet HTML 83Page - NXP Semiconductors MPC5643L Datasheet HTML 84Page - NXP Semiconductors MPC5643L Datasheet HTML 85Page - NXP Semiconductors MPC5643L Datasheet HTML 86Page - NXP Semiconductors MPC5643L Datasheet HTML 87Page - NXP Semiconductors MPC5643L Datasheet HTML 88Page - NXP Semiconductors MPC5643L Datasheet HTML 89Page - NXP Semiconductors MPC5643L Datasheet HTML 90Page - NXP Semiconductors MPC5643L Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
87
3.10
Supply current characteristics
Current consumption data is given in Table 20. These specifications are design targets and are subject to change per device
characterization.
VOH_M
P Medium, high level output voltage
IOH =–2mA
VDD_HV_IOx –0.8
—
—
V
VOL_F
P Fast, high level output voltage
IOL =11mA
—
—
0.5
V
VOH_F
P Fast, high level output voltage
IOH =–11 mA VDD_HV_IOx –0.8
—
—
V
VOL_SYM
P Symmetric, high level output
voltage
IOL =1.5 mA
—
—
0.5
V
VOH_SYM
P Symmetric, high level output
voltage
IOH =–1.5mA VDD_HV_IOx –0.8
—
—
V
IINJ
T DC injection current per pin
(all bi-directional ports)
—–1
—
1
mA
IPU
P Equivalent pull-up current
VIN =VIL
–130
—
—
µA
VIN =VIH
—
—
–10
IPD
P Equivalent pull-down current
VIN =VIL
10
—
—
µA
VIN =VIH
—
—
130
IIL
P Input leakage current
(all bidirectional ports)
TJ = –40 to
+150 °C
-1
—
1
μA
Input leakage current
(all ADC input-only ports)4
-0.25
—
0.25
Input leakage current
(shared ADC input-only ports)
-0.3
—
0.3
VILR
P RESET, low level input voltage
—
–0.12
—0.35 VDD_HV_IOx
V
VIHR
P RESET, high level input voltage
—
0.65 VDD_HV_IOx
—VDD_HV_IOx+0.1
2
V
VHYSR
D RESET, Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOLR
D RESET, low level output voltage
IOL =2mA
—
—
0.5
V
IPD
D RESET, equivalent pull-down
current
VIN =VIL
10
—
—
µA
VIN =VIH
—
—
130
1 These specifications are design targets and subject to change per device characterization.
2 “SR” parameter values must not exceed the absolute maximum ratings shown in Table 8.
3 The max input voltage on the ADC pins is the ADC reference voltage VDD_HV_ADRx.
4 Measured values are applicable to all modes of the pad i.e. IBE = 0/1 and / or APC= 0/1.
Table 19. DC electrical characteristics1 (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com