Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1004 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 15Page - Texas Instruments TUSB1004 Datasheet HTML 16Page - Texas Instruments TUSB1004 Datasheet HTML 17Page - Texas Instruments TUSB1004 Datasheet HTML 18Page - Texas Instruments TUSB1004 Datasheet HTML 19Page - Texas Instruments TUSB1004 Datasheet HTML 20Page - Texas Instruments TUSB1004 Datasheet HTML 21Page - Texas Instruments TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
7.2 Functional Block Diagram
SSTX2P
SSTX2N
CTX2N
CTX2P
GND
RX
TX
VIterm
CTXEN2
CIDLE2
CRXDET2
LOS
Rx
Detect
SSLOSZ2
SSRXTERM_EN2
CRX2P
CRX2N
SSRX2N
SSRX2P
GND
RX
TX
VIterm
SSTXEN2
SSIDLE2
SSRXDET2
LOS
Rx
Detect
CLOSZ2
CRXTERM_EN2
LFPS
CLFPS2
LFPS
SSLFPS2
SSTX1P
SSTX1N
CTX1N
CTX1P
GND
RX
TX
VIterm
CTXEN1
CIDLE1
CRXDET1
LOS
Rx
Detect
SSLOSZ1
SSRXTERM_EN1
CRX1P
CRX1N
SSRX1N
SSRX1P
GND
RX
TX
VIterm
SSRXEN1
SSIDLE1
SSRXDET1
LOS
Rx
Detect
CLOSZ1
CRXTERM_EN1
LFPS
CLFPS1
LFPS
SSLFPS1
SSEQ0/A0
SSEQ1/A1
MODE
AEQENZ/SDA
TEST2/SCL
EN
CEQ0
CEQ1
VIO_SEL
AEQCFG
EQCFG
TESTOUT1
SLP_S0#
I2C
Target
TESTOUT2
VCC
500k
TEST1
LANE 2
LANE 1
Channel A
Channel B
Channel C
Channel D
Control &
Status
Registers
POR
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com