Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1004 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 24Page - Texas Instruments TUSB1004 Datasheet HTML 25Page - Texas Instruments TUSB1004 Datasheet HTML 26Page - Texas Instruments TUSB1004 Datasheet HTML 27Page - Texas Instruments TUSB1004 Datasheet HTML 28Page - Texas Instruments TUSB1004 Datasheet HTML 29Page - Texas Instruments TUSB1004 Datasheet HTML 30Page - Texas Instruments TUSB1004 Datasheet HTML 31Page - Texas Instruments TUSB1004 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
7.5.1.6 Full AEQ with Limited Redriver Mode
// (address, data)
// Initial power-on configuration.
(0x0D, 0x03), // Enable both lanes 1 and 2.
(0x0A, 0x91), // Limited redriver, EQ_OVERRIDE and USB 3.2
(0x0B, 0x6F), // SSRX1 limited. Preshoot and de-emphasis.
(0x0C, 0x6C), // SSRX2 limited. Preshoot and de-emphasis.
(0x32, 0xC0), // VOD control
(0x1C, 0x85), // Full AEQ enable.
(0x1D, 0x10), // Over EQ adjustment
(0x20, 0x11), // USB connector CRx1/CRx2 short channel EQ setting. Not used for Full AEQ.
(0x21, 0x55), // SSTX1 and SSTX2 receiver EQ
7.5.2 TUSB1004 I2C Address Options
For further programmability, the TUSB1004 can be controlled using I2C. The SCL and SDA pins are used for I2C
clock and I2C data respectively.
Table 7-7. TUSB1004 I2C Target Address
SSEQ1/A1
PIN LEVEL
SSEQ0/A0
PIN LEVEL
7-bit Address
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(W/R)
0
0
44h
1
0
0
0
1
0
0
0/1
0
R
45h
1
0
0
0
1
0
1
0/1
0
F
46h
1
0
0
0
1
1
0
0/1
0
1
47h
1
0
0
0
1
1
1
0/1
R
0
20h
0
1
0
0
0
0
0
0/1
R
R
21h
0
1
0
0
0
0
1
0/1
R
F
22h
0
1
0
0
0
1
0
0/1
R
1
23h
0
1
0
0
0
1
1
0/1
F
0
10h
0
0
1
0
0
0
0
0/1
F
R
11h
0
0
1
0
0
0
1
0/1
F
F
12h
0
0
1
0
0
1
0
0/1
F
1
13h
0
0
1
0
0
1
1
0/1
1
0
Ch
0
0
0
1
1
0
0
0/1
1
R
Dh
0
0
0
1
1
0
1
0/1
1
F
Eh
0
0
0
1
1
1
0
0/1
1
1
Fh
0
0
0
1
1
1
1
0/1
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com