Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1004 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 16Page - Texas Instruments TUSB1004 Datasheet HTML 17Page - Texas Instruments TUSB1004 Datasheet HTML 18Page - Texas Instruments TUSB1004 Datasheet HTML 19Page - Texas Instruments TUSB1004 Datasheet HTML 20Page - Texas Instruments TUSB1004 Datasheet HTML 21Page - Texas Instruments TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments TUSB1004 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
7.3 Feature Description
7.3.1 4-Level Inputs
The TUSB1004 has 4-level inputs pins that are used to control the receiver equalization gain, transmitter voltage
swing, and place TUSB1004 into different modes of operation. These 4-level inputs utilize a resistor divider to
help set the 4 valid levels and provide a wider range of control settings. There are internal pull-up and pull-down
resistors. These resistors, together with the external resistor connection combine to achieve the desired voltage
level.
Table 7-1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Tie 1-kΩ 5% to GND.
R
Tie 20-kΩ 5% to GND.
F
Float (leave pin open)
1
Tie 1-kΩ 5% to VCC.
Note
All 4-level inputs are latched after the rising edge of EN pin. After these pins are sampled, the internal
pull-up and pull-down resistors will be isolated in order to save power.
7.3.2 USB Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference
in the system before the input of the TUSB1004. The receiver overcomes these losses by attenuating the low
frequency components of the signals with respect to the high frequency components. The proper gain setting
should be selected to match the channel insertion loss before the input of the TUSB1004 receivers. Two 4-level
inputs pins enable up to 16 possible equalization settings when in pin-strap mode. The TUSB1004's USB 3.2
host, hub, and device receivers (SSTX1/2) and USB 3.2 USB connector receivers (CRX1/2) each have their own
two 4-level inputs. The TUSB1004 also provides the flexibility of adjusting settings through I2C registers.
The TUSB1004's USB host, hub, and device facing port receiver (SSTX1/2) only support Fixed EQ (FEQ). The
TUSB1004 implements three different equalizer features for the USB connector facing port receivers (CRX1
and CRX2): Fixed EQ (FEQ), Fast Adaptive EQ (Fast AEQ), and Full Adaptive EQ (Full AEQ). In Fixed EQ
operation, a single setting is used for all possible devices (with and without cable) inserted into the USB
receptacle. The Fast AEQ feature will distinguish between a short channel and a long channel. A short channel
represents a low loss use case of a USB 3.2 device plugged directly into USB receptacle without a cable. A
long channel represents the high loss use case of the USB 3.2 device plugged into the receptacle through a
USB cable. In Fast AEQ mode, TUSB1004 will select between two pre-determined settings based on whether
or not channel is short or long. When TUSB1004 is configured for Full AEQ, the TUSB1004 will automatically
determine what it believes is the best equalization setting each time a USB device is inserted into the USB
receptacle. In Full AEQ mode, the TUSB1004 will attempt to determine the best settings regardless if the
channel is short, long, or somewhere in between.
Note
Adaptive EQ is only supported on CRX1 and CRX2. Adaptive EQ must only be used when CRX1 and
CRX2 is connected to a USB receptacle. If CRX1 and CRX2 is connected directly (not through a USB
receptacle) to a USB Host, USB Hub or USB Device, then adaptive EQ must be disabled. AEQ should
never be enabled in a active cable application. If daisy chaining multiple TUSB1004, AEQ should only
be enabled on the TUSB1004 that is near the USB receptacle.
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com