Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1004 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 19Page - Texas Instruments TUSB1004 Datasheet HTML 20Page - Texas Instruments TUSB1004 Datasheet HTML 21Page - Texas Instruments TUSB1004 Datasheet HTML 22Page - Texas Instruments TUSB1004 Datasheet HTML 23Page - Texas Instruments TUSB1004 Datasheet HTML 24Page - Texas Instruments TUSB1004 Datasheet HTML 25Page - Texas Instruments TUSB1004 Datasheet HTML 26Page - Texas Instruments TUSB1004 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
7.3.3.2 Limited VOD
Limited VOD mode is used to set the actual VOD level and is used when TUSB1004 is configured in limited
redriver mode. In this mode the VOD is no longer a linear function of the input VID. For example, if the signal at
TUSB1004's input (VID) is at 600 mVpp then the TUSB1004's output VOD will be around 1000 mVpp (assuming
LINR_L3 is selected). The limited redriver mode is only supported on the SSRX1/2 transmitter. The TUSB1004
provides four different limited VOD settings. All four settings are available through register control.
Note
Limited redriver mode is disabled by default and can only be enabled by setting the
SSRX_LIMIT_ENABLE register. Once enabled, the VOD level for SSRX1/2 transmitters is controlled
by the USB_SSRX12_VOD register
7.3.3.3 Transmit Equalization (Limited Redriver Mode Only)
The TUSB1004 in limited redriver mode offers pre-shoot and de-emphasis controls for SSRX1/2 transmitter. The
TUSB1004 offers four pre-shoot levels and four de-emphasis levels. These levels can be changed by modifying
I2C registers.
SSRX1 transmitter equalization is controlled by TX1_PRESHOOT and TX1_DEEMPHASIS fields. When
SSRX_LIMIT_ENABLE = 1 and TX1_PRESHOOT_EN = 1, the TX1_PRESHOOT field selects between
four different pre-shoot levels. When SSRX_LIMIT_ENABLE = 1 and TX1_DEEMPHASIS_EN = 1, the
TX1_DEEMPHASIS field selects between four different de-emphasis levels.
SSRX2 transmitter equalization is controlled by TX2_PRESHOOT and TX2_DEEMPHASIS fields. When
SSRX_LIMIT_ENABLE = 1 and TX2_PRESHOOT_EN = 1, the TX2_PRESHOOT field selects between
four different pre-shoot levels. When SSRX_LIMIT_ENABLE = 1 and TX2_DEEMPHASIS_EN = 1, the
TX2_DEEMPHASIS field selects between four different de-emphasis levels.
Note
Transmitter equalization control is not supported in pin-strap mode.
7.3.4 USB 3.1 x2 Description
The TUSB1004 will operate as two independent USB state machines. The TUSB1004 is intended to be used
in applications that support USB stacked standard A connectors or two standard-A connectors that are in close
proximity to each other.
In pin-strap mode the TUSB1004 will enable both lanes for USB operation immediately following EN pin high. In
I2C mode, software must program register offset 0xD to a 0x03 and it also must program CTLSEL field (located
in offset 0xA) to a 1 for both lanes to be enabled for USB operation.
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com