Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3050EBRIZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 2Page - Analog Devices ADM3050EBRIZ Datasheet HTML 3Page - Analog Devices ADM3050EBRIZ Datasheet HTML 4Page - Analog Devices ADM3050EBRIZ Datasheet HTML 5Page - Analog Devices ADM3050EBRIZ Datasheet HTML 6Page - Analog Devices ADM3050EBRIZ Datasheet HTML 7Page - Analog Devices ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices ADM3050EBRIZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADM3050E
Data Sheet
Rev. B | Page 6 of 19
INSULATION AND SAFETY RELATED SPECIFICATIONS
For additional information, see www.analog.com/icouplersafety.
Table 3.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
ADM3050EBRWZ
ADM3050EBRIZ
Rated Dielectric Insulation
Voltage
5700
5700
V rms
1-minute duration
Minimum External Air Gap
(Clearance)
L (I01)
7.8
8.3
mm
min
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking
(Creepage)
L (I02)
7.8
8.3
mm
min
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Clearance in the
Plane of the Printed
Circuit Board (PCB)
Clearance
L (PCB)
8.3
8.3
mm
min
Measured from input terminals to output
terminals, shortest distance through air, line of
sight, in the PCB mounting plane
Minimum Internal Gap
(Internal Clearance)
25.5
25.5
µm
min
Insulation distance through insulation
Tracking Resistance
(Comparative Tracking
Index)
CTI
>600
>600
V
DIN IEC 112/VDE 0303 Part 1
Material Group
I
I
Material group (DIN VDE 0110, 1/89, Table 1)
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Ω
Capacitance (Input to Output)1
CI-O
1.1
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
1
The device is considered a two-terminal device: Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
ADM3050EBRWZ
See Table 11 and the Insulation Lifetime section for the recommended maximum working voltages for specific cross isolation waveforms
and insulation levels. The ADM3050EBRWZ is pending approval or approved by the organizations listed in Table 5.
Table 5.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
UL1577 Component
Recognition Program1
Approved under CSA Component Acceptance
Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified under CQC11-
471543-2012
Single Protection, 5700 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and
IEC 60950-1, second edition, +A1+A2:
Reinforced insulation,
849 VPEAK, VIOTM = 8 kVPEAK
GB4943.1-2011
Basic insulation at 780 V rms (1103 VPEAK)
Basic insulation at 780 V
rms (1103 VPEAK)
Reinforced insulation at 390 V rms (552 VPEAK)
Reinforced insulation at
390 V rms (552 VPEAK)
IEC 60601-1 Edition 3.1:
Basic insulation (1 MOPP), 490 V rms (686 VPEAK)
Reinforced insulation (2 MOPP), 238 V rms
(325 VPEAK)
CSA 61010-1-12 and IEC 61010-1 third edition:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com