Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3050EBRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 3Page - Analog Devices ADM3050EBRIZ Datasheet HTML 4Page - Analog Devices ADM3050EBRIZ Datasheet HTML 5Page - Analog Devices ADM3050EBRIZ Datasheet HTML 6Page - Analog Devices ADM3050EBRIZ Datasheet HTML 7Page - Analog Devices ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices ADM3050EBRIZ Datasheet HTML 10Page - Analog Devices ADM3050EBRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADM3050E
Rev. B | Page 7 of 19
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Basic insulation at: 300 V rms mains, 780 V
secondary (1103 VPEAK)
Reinforced insulation at: 300 V rms mains, 390
V secondary (552 VPEAK)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADM3050E is proof tested by applying an insulation test voltage ≥ 6840 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each product is proof tested by applying an insulation test voltage ≥ 1592 VPEAK for 1 sec (partial discharge detection limit = 5 pC).
The * marking branded on the component designates DIN V VDE V 0884-10 approval.
ADM3050EBRIZ
See Table 11 and the Insulation Lifetime section for the recommended maximum working voltages for specific cross isolation waveforms
and insulation levels. The ADM3050EBRIZ is pending approval or approved by the organizations listed in Table 6.
Table 6.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
UL1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice 5A
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified under CQC11-
471543-2012
Single Protection, 5700 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and
IEC 60950-1, second edition, +A1+A2:
Reinforced insulation,
849 VPEAK, VIOTM = 8 kVPEAK
GB4943.1-2011
Basic insulation at 780 V rms (1103 VPEAK)
Basic insulation at 780 V rms
(1103 VPEAK)
Reinforced insulation at 390 V rms (552 VPEAK)
Reinforced insulation at
390 V rms (552 VPEAK)
IEC 60601-1 Edition 3.1:
Basic insulation (1 MOPP), 490 V rms
(686 VPEAK)
Reinforced insulation (2 MOPP), 238 V rms
(325 VPEAK)
CSA 61010-1-12 and IEC 61010-1 third edition:
Basic insulation at: 300 V rms mains, 780 V
secondary (1103 VPEAK)
Reinforced insulation at: 300 V rms mains,
390 V secondary (552 VPEAK)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADM3050E is proof tested by applying an insulation test voltage ≥ 6840 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each product is proof tested by applying an insulation test voltage ≥ 1592 VPEAK for 1 sec (partial discharge detection limit = 5 pC).
The * marking branded on the component designates DIN V VDE V 0884-10 approval.
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS (PENDING)
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Protective circuits ensure the maintenance
of the safety data.
Table 7. ADM3050EBRWZ VDE Characteristics
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to IV
Climatic Classification
40/125/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
Reinforced
VIORM
849
VPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com