Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3050EBRIZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 4Page - Analog Devices ADM3050EBRIZ Datasheet HTML 5Page - Analog Devices ADM3050EBRIZ Datasheet HTML 6Page - Analog Devices ADM3050EBRIZ Datasheet HTML 7Page - Analog Devices ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices ADM3050EBRIZ Datasheet HTML 10Page - Analog Devices ADM3050EBRIZ Datasheet HTML 11Page - Analog Devices ADM3050EBRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADM3050E
Data Sheet
Rev. B | Page 8 of 19
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Basic, DC Working Voltage
See the Absolute Maximum Ratings section and Table 11
for the maximum continuous working voltage for ac bipolar,
ac unipolar, and dc voltages, basic and reinforced insulation,
and 50 year lifetime to 1% failure
VIORM(DC)
1500
VDC
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd(m), 100% production test, tini = tm = 1 sec,
partial discharge < 5 pC
Vpd (m)
1592
VPEAK
Input to Output Test Voltage, Method A
Vpd (m)
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1274
VPEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1019
VPEAK
Highest Allowable Overvoltage
VIOTM
8000
VPEAK
Impulse
1.2 µs rise time, 50 µs, 50% fall time in air to the preferred
sequence
VIMPULSE
8000
VPEAK
Surge Isolation Voltage
VPEAK
Basic
VPEAK = 12.8 kV, 1.2 µs rise time, 50 µs, and 50% fall time
VIOSM
12000
VPEAK
Reinforced
VPEAK = 12.8 kV, 1.2 µs rise time, 50 µs, and 50% fall time
VIOSM
8000
VPEAK
Safety Limiting Values
Maximum value allowed in the event of a failure (see
Figure 4)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
2.08
W
Insulation Resistance at TS
Test voltage = 500 V
RS
>109
Ω
Table 8. ADM3050EBRIZ VDE Characteristics
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 600 V rms
I to IV
Climatic Classification
40/125/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
Reinforced
VIORM
849
VPEAK
Basic, DC Working Voltage
See the Absolute Maximum Ratings section and Table 11
for the maximum continuous working voltage for ac bipolar,
ac unipolar, and dc voltages, basic and reinforced insulation,
and 50 year lifetime to 1% failure
VIORM(DC)
1500
VDC
Input to Output Test Voltage, Method B1
VIORM × 1.875 = Vpd(m), 100% production test, tini = tm = 1 sec,
partial discharge < 5 pC
Vpd (m)
1592
VPEAK
Input to Output Test Voltage, Method A
Vpd (m)
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1274
VPEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1019
VPEAK
Highest Allowable Overvoltage
VIOTM
8000
VPEAK
Impulse
1.2 µs rise time, 50 µs, 50% fall time in air to the preferred
sequence
VIMPULSE
8000
VPEAK
Surge Isolation Voltage
VPEAK
Basic
VPEAK = 12.8 kV, 1.2 µs rise time, 50 µs, and 50% fall time
VIOSM
12000
VPEAK
Reinforced
VPEAK = 12.8 kV, 1.2 µs rise time, 50 µs, and 50% fall time
VIOSM
8000
VPEAK
Safety Limiting Values
Maximum value allowed in the event of a failure (see
Figure 4)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
1.28
W
Insulation Resistance at TS
Test voltage = 500 V
RS
>109
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com