Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301SCTA Datasheet(PDF) 5 Page - AnaSem Hong Kong Limited.

Part # VDD301SCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301SCTA Datasheet(HTML) 5 Page - AnaSem Hong Kong Limited.

  VDD301SCTA Datasheet HTML 1Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 2Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 9Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AnaSem
4
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
ELECTRICAL CHARACTERISTICS
(Ta=25°C unless otherwise specified)
Items
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Operating voltage
VIN
VDET = 1.8V ~ 6.0V
0.7
-
6.0
V
1
Detection voltage
VDET
VDET = 1.8V ~ 6.0V
Ta = –40°C ~ +85°C
VDET
×0.99
VDET
VDET
×1.01
V
1
Hysteresis range
VHYS
VDET
×0.02
VDET
×0.05
VDET
×0.08
V
1
Output current
IOUT
N-ch
VDS=0.5V
VIN=0.7V
0.1
0.4
-
mA
3
VIN=1.0V
1.0
2.3
-
mA
VIN=2.0V
3.0
8.2
-
mA
VIN=3.0V
5.0
11.1
-
mA
VIN=4.0V
6.0
12.8
-
mA
VIN=5.0V
7.0
13.8
-
mA
CMOS P-ch
VDS=2.1V
VIN=6.0V
-
-9.5
-1.5
mA
4
CMOS N-ch
VDS=2.1V
VIN=6.0V
1.5
9.5
-
mA
3
Current consumption
ISS
VIN=1.5V
-
0.6
2.1
µ
A
2
VIN=2.0V
-
0.7
2.5
µ
A
VIN=3.0V
-
0.8
2.8
µ
A
VIN=4.0V
-
0.9
3.0
µ
A
VIN=5.0V
-
1.0
3.4
µ
A
Leak current
ILEAK
VIN=6.0V VOUT=6.0V
-
10
100
nA
3
Detection voltage
temperature coefficient
∆VDET /
∆Ta•VDET
VDET = 1.8V ~ 6.0V
Ta = –40°C ~ +85°C
-
±20
-
ppm/°C
1
Delay time
VREL
→VOUT inversion
TDLY
VIN = 0.7V ~ 6.0V
10
-
50
ms
5
50
-
200
ms
80
-
400
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com