Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301SCTA Datasheet(PDF) 11 Page - AnaSem Hong Kong Limited.

Part # VDD301SCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301SCTA Datasheet(HTML) 11 Page - AnaSem Hong Kong Limited.

Back Button VDD301SCTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 10Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 11Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 15Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AnaSem
10
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
TYPICAL CHARACTERISTICS – N-ch Driver Output Current vs. VDS
VDD181SCTA (CMOS 1.8V)
Ta=25°C
0
VDS (V)
1.2
0.8
0.6
0.4
0.2
0
1.0
VIN=0.7V
VIN=0.8V
1.1
0.9
0.7
0.5
0.3
0.1
1.0
0.4
0.3
0.2
0.1
0.5
0.8
0.7
0.9
0.6
VIN=0.8V
VIN=0.7V
VDD251SCTA (CMOS 2.5V)
Ta=25°C
1.0
0.4
0.3
0.2
0.1
0
VDS (V)
0.5
0.8
0.7
0.9
VIN=1.0V
VIN=1.5V
0.6
1.2
0.8
0.6
0.4
0.2
0
1.0
1.1
0.9
0.7
0.5
0.3
0.1
VIN=0.8V
VIN=0.7V
VDD351SCTA (CMOS 3.5V)
VDS (V)
Ta=25°C
0
1.2
0.8
0.6
0.4
0.2
0
1.0
VIN=0.7V
VIN=0.8V
1.1
0.9
0.7
0.5
0.3
0.1
1.0
0.4
0.3
0.2
0.1
0.5
0.8
0.7
0.9
0.6
VIN=0.8V
VIN=0.7V
VDD451MCTA (CMOS 4.5V)
VDS (V)
Ta=25°C
0
1.2
0.8
0.6
0.4
0.2
0
1.0
VIN=0.7V
VIN=0.8V
1.1
0.9
0.7
0.5
0.3
0.1
1.0
0.4
0.3
0.2
0.1
0.5
0.8
0.7
0.9
0.6
VIN=0.8V
VIN=0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com