Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301SCTA Datasheet(PDF) 17 Page - AnaSem Hong Kong Limited.

Part # VDD301SCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301SCTA Datasheet(HTML) 17 Page - AnaSem Hong Kong Limited.

Back Button VDD301SCTA Datasheet HTML 12Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 13Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 14Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 15Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 16Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 17Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 18Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 19Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 20Page - AnaSem Hong Kong Limited.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AnaSem
16
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
PACKAGE DIMENSIONS (SOT-23)
(Unit : mm)
Recommended land pattern
0.8
1.9
0.95
0.95
0.8
0.8
2.9±0.2
1.9±0.2
0.95
0.95
(Marked Side)
0.4
+0.10
–0.15
0.4
+0.10
–0.15
0.4
+0.10
–0.15
3~7°
0.16
+0.10
–0.15
0~0.1
1.1~1.3
0.45
2.9±0.2
0.4
+0.10
–0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com