Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301SCTA Datasheet(PDF) 3 Page - AnaSem Hong Kong Limited.

Part # VDD301SCTA
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD301SCTA Datasheet(HTML) 3 Page - AnaSem Hong Kong Limited.

  VDD301SCTA Datasheet HTML 1Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 2Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD301SCTA Datasheet HTML 9Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AnaSem
2
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
PRODUCTS NUMBERING GUIDE
PIN CONFIGURATION / MARKING SPECIFICATION (SOT-23)
Pin Configuration
No.
Symbol
Descriptions
1
VOUT
Output
2
VSS
Power ground
3
VIN
Voltage input
Marking Specification
Code
Mark
Contents
A
C or N
Output type
BC
18~60
Detection voltage
D
S, M or L
Delay time
E
A
Version
F
Internal rule
Lot number
(Top view)
Vin
Vout
1
2
3
A
F
F F F
B C D E
Vss
VDD
18 ~ 60 : Selectable with a step of 0.1V
in the range of 1.8V ~ 6.0V
e.g.) 18 : 1.8V
30 : 3.0V
Detection voltage
Delay time
S : 10msec~50msec
M : 50msec~200msec
L : 80msec~400msec
A : TOPR = –40°C ~ +85°C
Design version
T : SOT-23
Package form
C : CMOS output
N : N-channel open drain output
Output type
Detection accuracy rate
1 : ±1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com