Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7259G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7259G Datasheet HTML 1Page - Infineon Technologies AG TLE7259G Datasheet HTML 2Page - Infineon Technologies AG TLE7259G Datasheet HTML 3Page - Infineon Technologies AG TLE7259G Datasheet HTML 4Page - Infineon Technologies AG TLE7259G Datasheet HTML 5Page - Infineon Technologies AG TLE7259G Datasheet HTML 6Page - Infineon Technologies AG TLE7259G Datasheet HTML 7Page - Infineon Technologies AG TLE7259G Datasheet HTML 8Page - Infineon Technologies AG TLE7259G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Type
Ordering Code
Package
TLE 7259 G
Q67006-A9694
P-DSO-8-3
LIN Transceiver
TLE 7259 G
P-DSO-8-3, -6, -7, -8, -9
Preliminary Data Sheet
3
Rev. 1.3, 2004-12-13
Features
•
Transmission rate up to 20 kBaud
•
Compatible to LIN specification 1.2, 1.3 and 2.0
•
Support of K-line function
•
Very low current consumption in sleep mode
•
Very low leakage current in unpowered state
•
Control output for voltage regulator
•
Wake up source recognition (local/remote)
•
For 3.3 V and 5 V
µC I/O
•
Suitable for 12V and 24V boardnet
•
Bus short to V
BAT protection
•
Bus short to GND handling
•
Overtemperature protection
Description
The TLE 7259 G is a monolithic integrated circuit in a P-DSO-8-3 package. It works as
an interface between the protocol controller and the physical bus. The TLE 7259 G is
especially suitable to drive the bus line in LIN systems in automotive and industrial
applications.
In order to reduce the current consumption, the TLE 7259 G offers a sleep operation
mode. In this mode the voltage regulator can be switched off by the TLE 7259 G to
minimize the current consumption of the whole application. A wake-up caused by a
message on the bus or a signal at the wake (WK) pin, enables the voltage regulator and
sets the device to standby operation mode. The TLE 7259 G has a BUS short to GND
feature implemented, to avoid a battery discharge.
The TLE 7259 G offers a very good EMC performance within a broad frequency range
independent from battery voltage. This is achieved by implementing a slope control
mechanism based on a constant slew rate. The TLE 7259 G can also be used with 3.3
V and 5 V micro controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com