Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7259G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7259G Datasheet HTML 8Page - Infineon Technologies AG TLE7259G Datasheet HTML 9Page - Infineon Technologies AG TLE7259G Datasheet HTML 10Page - Infineon Technologies AG TLE7259G Datasheet HTML 11Page - Infineon Technologies AG TLE7259G Datasheet HTML 12Page - Infineon Technologies AG TLE7259G Datasheet HTML 13Page - Infineon Technologies AG TLE7259G Datasheet HTML 14Page - Infineon Technologies AG TLE7259G Datasheet HTML 15Page - Infineon Technologies AG TLE7259G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Preliminary Data Sheet
12
Rev. 1.3, 2004-12-13
TLE 7259 G
Enable Input EN
HIGH level input
voltage threshold
V
EN,on
–
–
2
V
normal mode
LOW level input
voltage threshold
V
EN,off
0.8
–
–
V
low power mode
EN input hysteresis
V
EN,hys
150
300
450
mV
–
EN pull-down
resistance
R
EN
15
30
60
k
Ω
–
Enable inhibit high
current
I
EN, hc
50
–
400
µA
V
EN = 5 V, 3 V
Inhibit Output INH
Inhibit
R
on resistance
R
INH,on
–36
50
Ω
I
INH = -15 mA
Maximum INH output
current
I
INH
40
–
150
mA
V
INH = 0 V
Leakage current
I
INH,lk
-5.0
–
5.0
µA
sleep mode;
V
INH = 0 V
Wake Input WK
High level input voltage
V
WK,H
V
S - 1
–
V
S + 3
V
–
Low level input voltage
V
WK,L
-0.3
–
V
S -
3.3 V
V–
Pull-up current
I
WK,PU
-60
-30
-3
µA–
High level leakage
current
I
WK,L
-5
–
5
µA
V
S = 0 V;
V
WK = 40 V
Dominant time for
wake-up
t
WK
30
–
150
µs–
Table 4
Electrical Characteristics (cont’d)
7.0 V <
V
S < 27 V; RL = 500 Ω; VEN > VEN,ON; -40 °C < Tj < 125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com