Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7259G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7259G Datasheet HTML 2Page - Infineon Technologies AG TLE7259G Datasheet HTML 3Page - Infineon Technologies AG TLE7259G Datasheet HTML 4Page - Infineon Technologies AG TLE7259G Datasheet HTML 5Page - Infineon Technologies AG TLE7259G Datasheet HTML 6Page - Infineon Technologies AG TLE7259G Datasheet HTML 7Page - Infineon Technologies AG TLE7259G Datasheet HTML 8Page - Infineon Technologies AG TLE7259G Datasheet HTML 9Page - Infineon Technologies AG TLE7259G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Preliminary Data Sheet
6
Rev. 1.3, 2004-12-13
TLE 7259 G
Operation Modes
Figure 3
Operation Mode State Diagram
Standby Mode
After a power up, wake-up or low supply condition, the TLE 7259 G is automatically
transferred to the standby mode (see Figure 3). This is realized, by setting EN = low due
to a pull-down. The INH output is automatically switching to high level (=
V
S), to turn on
the system voltage regulator. In the standby mode, no communication on the bus is
possible. The bus driver is disabled.
In the standby mode, the
µC can detect if a wake-up from sleep mode is caused by the
WK pin or a bus message. This is realized by monitoring the RxD and TxD pin (see
Figure 3).
AEA03514.VSD
Start Up
Power Up
Wake Up
via Bus:
t > t
wak e,bus
via Wake:
t > t
wak e
1) After wake up (via Bus or Wake)
2) After start up
3) After wake up via Wake (internal strong pull down, > 1.9 mA)
4) After wake up via Bus (internal weak pull down, 350 k
Ω)
EN
Normal Mode
High
High
INH
EN
Sleep Mode
Low
Floating
INH
Stand-By
INH
EN
RxD
TxD
Low
Low 1)
Floating 2)
Low 3)
High4)
High
EN
High
Low
EN
High
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com