Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7259G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7259G
Description  LIN Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7259G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7259G Datasheet HTML 9Page - Infineon Technologies AG TLE7259G Datasheet HTML 10Page - Infineon Technologies AG TLE7259G Datasheet HTML 11Page - Infineon Technologies AG TLE7259G Datasheet HTML 12Page - Infineon Technologies AG TLE7259G Datasheet HTML 13Page - Infineon Technologies AG TLE7259G Datasheet HTML 14Page - Infineon Technologies AG TLE7259G Datasheet HTML 15Page - Infineon Technologies AG TLE7259G Datasheet HTML 16Page - Infineon Technologies AG TLE7259G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLE 7259 G
Preliminary Data Sheet
13
Rev. 1.3, 2004-12-13
Bus Receiver
Receiver threshold
voltage, recessive to
dominant edge
V
BUS,rd
0.42
×
V
S
0.48
×
V
S
–V
–
Receiver dominant
state
V
BUS,dom
–
–
0.42
×
V
S
V
(LIN Spec 1.3 (2.0);
Line 10.1.9 (3.1.9))
Receiver threshold
voltage, dominant to
recessive edge
V
BUS,dr
–0.52
×
V
S
0.58
×
V
S
V
V
BUS,rec < VBUS < 27 V
Receiver recessive
state
V
BUS,rec
0.58
×
V
S
–
–
V
(LIN Spec 1.3 (2.0);
Line 10.1.10 (3.1.10)
Receiver center
voltage
V
BUS,c
0.475
× V
S
0.5
×
V
S
0.525
× V
S
V
(LIN Spec 1.3 (2.0);
Line 10.1.11 (3.1.11)
Receiver hysteresis
V
BUS,hys
0.02
×
V
S
0.04
×
V
S
0.1
×
V
S
V
V
BUS,hys =
V
BUS,rec - VBUS,dom
(LIN Spec 1.3 (2.0);
Line 10.1.12 (3.1.12))
Wake-up threshold
voltage
V
BUS,wk
0.40
×
V
S
0.5
×
V
S
0.6
×
V
S
V–
Dominant time for bus
wake-up
t
WK,bus
30
–
150
µs–
Table 4
Electrical Characteristics (cont’d)
7.0 V <
V
S < 27 V; RL = 500 Ω; VEN > VEN,ON; -40 °C < Tj < 125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com