Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLM0010 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 26Page - Infineon Technologies AG NLM0010 Datasheet HTML 27Page - Infineon Technologies AG NLM0010 Datasheet HTML 28Page - Infineon Technologies AG NLM0010 Datasheet HTML 29Page - Infineon Technologies AG NLM0010 Datasheet HTML 30Page - Infineon Technologies AG NLM0010 Datasheet HTML 31Page - Infineon Technologies AG NLM0010 Datasheet HTML 32Page - Infineon Technologies AG NLM0010 Datasheet HTML 33Page - Infineon Technologies AG NLM0010 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
12
NLM0011/ NLM0010 Electrical Characteristics
Absolute Maximum Ratings
Table 19
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note or test
condition
Min.
Typ.
Max.
Input peak voltage between
LA-LB
VInpeak
3.6
VPeak
Absolute Maximum Field
Strength for indefinite
exposure without damage.
The chip functionality can be
affected.
Habsmax
10
A/m
Conditions:
Tjoperating = 110°C
Absolute Maximum Field
Strength for exposure for up
to 10 seconds without
damage. The chip is not
guaranteed to function
Habsmax12
12
A/m
Conditions:
Tjoperating = 110°C
Input peak voltage at VCC
VPeak
5.5
V
Storage Temperature
TStorage
-40
150
°C
Stresses above the maximum values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability, including EEPROM data
retention and erase/write endurance. Maximum ratings are absolute ratings. Exceeding only one of these values
may cause irreversible damage to the integrated circuit. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational sections of this data sheet
is not implied.
Operational Conditions and Parameters
Table 20
Operational Conditions and Parameters
Parameter
Symbol
Values
Unit
Note or test
condition
Min.
Typ.
Max.
external supply voltage range VCC
3.0
3.3
5.5
V
Operating field strength
Habsmax
0.15
5
A/m
According ISO/IEC
18000-3 mode 1
Nominal terminal voltage
(between LA and LB)
VACNOM
2.95
V
Ambient Temperature in
lighting operational mode
TJL
-40
105
°C
The ambient
temperature is
defined as the
temperature of
the surface of the
package.
Permanent
operation at high
temperature
(ambient
temperature
above 90°C) could
impact the
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
NLM0011/ NLM0010 Electrical Characteristics
Datasheet
30
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com