Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLM0010 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 17Page - Infineon Technologies AG NLM0010 Datasheet HTML 18Page - Infineon Technologies AG NLM0010 Datasheet HTML 19Page - Infineon Technologies AG NLM0010 Datasheet HTML 20Page - Infineon Technologies AG NLM0010 Datasheet HTML 21Page - Infineon Technologies AG NLM0010 Datasheet HTML 22Page - Infineon Technologies AG NLM0010 Datasheet HTML 23Page - Infineon Technologies AG NLM0010 Datasheet HTML 24Page - Infineon Technologies AG NLM0010 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
3
2
1
0
Bit[31:24]
Bit[23:16]
Bit[15:8]
Bit[7:0]
Byte and Bit Index of a block
Block address
0CH
0BH
02H
01H
00H
0AH
09H
08H
07H
06H
05H
04H
03H
F4H
F5H
F6H
F7H
55555555H
55555555H
AAAAAAAAH
AAAAAAAAH
00000H
55555555H
00000000H
00000H
0000H
000H
03E8H
0000H
F0H
F1H
F2H
F3H
0065H
Area #1
(module manufacturer)
Area #2
(luminator
manufacturer)
FFFFH
Assignable to Area#1 or
Area#2
000H
000H
0H
Blocks 02H and 01H are locked
Figure 10
EEPROM Delivery Content User Memory without CLO
UID Content (Block 0EH and 0DH): content according to UID Description in chapter Memory Organization.
For product without enabled CLO function (NLM0010), the family code byte is set to B1H.
For product with enabled CLO function (NLM0011), the family code byte is set to B9H.
Service Data (Block 10H and 0FH): content according to Service Data Description in chapter Memory
Organization.
In block 0FH the AFI byte is written by value 00H for all NFC PWM series related products. All bits, which are
reserved for future use, are written by value 0B.
Block Lock Information (Block 11H):
For the product with enabled CLO feature all blocks of the user data area are read- and write-able. For the
product without CLO feature the blocks 01H and 02H are permanently locked .
The UID (blocks 0EH and block 0DH) is locked. The blocks 0FH and 10H are locked as well.
The parameters PWM Period Imax (Block 0BH Bit (30:16)) and Duty Cycle Imax(Block 00HBit(31:16)) are initially
programmed to 27,12kHz(value 03E8H) and 10 % (value 0065H). The bit 31 of Block 0BH"FR" has to be
programmed to 0B(non inverting PWM output).
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
NLM0011/NLM0010 EEPROM Shipment Content (Infineon to Customer)
Datasheet
21
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com