Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLM0010 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 27Page - Infineon Technologies AG NLM0010 Datasheet HTML 28Page - Infineon Technologies AG NLM0010 Datasheet HTML 29Page - Infineon Technologies AG NLM0010 Datasheet HTML 30Page - Infineon Technologies AG NLM0010 Datasheet HTML 31Page - Infineon Technologies AG NLM0010 Datasheet HTML 32Page - Infineon Technologies AG NLM0010 Datasheet HTML 33Page - Infineon Technologies AG NLM0010 Datasheet HTML 34Page - Infineon Technologies AG NLM0010 Datasheet HTML 35Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Table 20
Operational Conditions and Parameters (continued)
Parameter
Symbol
Values
Unit
Note or test
condition
Min.
Typ.
Max.
EEPROM write/ erase cycles
per block
Wcycles
100000
@T=85°C
EEPROM Data Retention
DR
10
years @T=25°C
EEPROM Failure Rate
FREEPROM
20000 dpm
@10 years
Retention
VCC capacitor
CVCC
22
μF
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
NLM0011/ NLM0010 Electrical Characteristics
Datasheet
32
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com