Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLM0010 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 9Page - Infineon Technologies AG NLM0010 Datasheet HTML 10Page - Infineon Technologies AG NLM0010 Datasheet HTML 11Page - Infineon Technologies AG NLM0010 Datasheet HTML 12Page - Infineon Technologies AG NLM0010 Datasheet HTML 13Page - Infineon Technologies AG NLM0010 Datasheet HTML 14Page - Infineon Technologies AG NLM0010 Datasheet HTML 15Page - Infineon Technologies AG NLM0010 Datasheet HTML 16Page - Infineon Technologies AG NLM0010 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
The change of lock information must be executed as a “Read-Modify-Write” operation. Firstly the block must be
read, then all appropriate bits have to be changed, and finally the information should be written back to the
block. The write operation should be performed in a secure environment.
Note: Changing bits from ’0’ to ’1’ will lead to unexpected chip behavior and should not be performed. The
response to a write command including incorrect changed bits is not valid.
Example:
Assuming a NLM0011/ NLM0010 chip, which has not been configured in any way, the Lock Block (11H) contains
data 02 AA AA AAH (i.e. only block 0FH and UID are write protected).
To lock i.e. block 06H from being re-written, the following operations should be performed in a secure
environment. The command example includes the ISO Flags and the CRC:
•
Read content of block 11H with “Read single block” command
-
Command example for read single block 02 20 11 4F 51H
-
Response 00 AA AA AA 02 D4 BCH
-
Memory content of block 11H is 02 AA AA AAH
•
Modify bits [13:12] to 00B
-
Result is 02 AA 8A AAH
•
Write modified value to block 11H with “Write single block” command
-
Command example for write single block 02 21 11 AA 8A AA 02 1C F5H
-
Acknowledge Response 00 78 F0H
-
Memory content of block 11H is now 02 AA 8A AAH
After this sequence, block 06H is locked and cannot be changed anymore.
The Service Block 10H
Block 10H can only be written with the WriteByte command. Bits [31:24] and bits [23:20] are writable, the rest of
block 10H is read only.
Table 7
Service Block 10H
Bit Index
Abbreviation
Description
[31:24]
RFI
Reserved for Infineon
[23:22]
AFILOCK
These two bits are internally used to lock the AFI byte.
10BAFI byte is writable
00BAFI is locked
[21:20]
LOCK
These two bits are used to lock Byte 3 of page 10H.
10BByte 3 (bit(31:24)) are writable
00HByte 3 (bit(31:24)) bit are read only
[19:0]
Configuration Data Used by Infineon for chip configuration
AFI Block 0FH
Block 0FH holds the AFI Byte in bit [31:24]. This byte can only be written using the WriteAFI command. This block
is write only.
Note:Writing the AFI with the WriteAFI command should be performed in a secure environment.
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Memory Organization
Datasheet
13
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com