Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKT26.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-VSKT26..
Description  AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKT26.. Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-VSKT26.. Datasheet HTML 1Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 2Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 3Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 4Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 5Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 6Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 7Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 8Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VS-VSKT26.., VS-VSKH26.., VS-VSKL26.., VS-VSKN26.. Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Jul-2018
4
Document Number: 94629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Average on-state current (A)
0
5
10
15
20
25
30
80
90
100
110
120
130
180°
120°
90°
60°
30°
RthJC (DC) = 0.76°C/W
0
10203040
50
80
90
100
110
120
130
180°
120°
90°
60°
30°
DC
RthJC (DC) = 0.76 °C/W
Average on-state current (A)
Average on-state current (A)
0
5
10
15
20
25
30
0
10
20
30
40
50
180°
120°
90°
60°
30°
RMS limit
Per leg, Tj = 125°C
Average on-state current (A)
0
10
20304050
0
10
20
30
40
50
60
180°
120°
90°
60°
30°
RMS limit
DC
Per leg, Tj = 125°C
Number of equal amplitude half cycle current pulses (N)
110
100
150
200
250
300
350
400
At any rated load condition and with
rated Vrrm applied following surge
Initial Tj = Tj max
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100s
Per leg
Pulse train duration (s)
0.01
0.1
1
150
200
250
300
350
400
Maximum Non-repetitive Surge
Current. Control
of conduction may not be maintained.
Versus Pulse Train Duration
Initial Tj = 125°C
No Voltage Reapplied
Rated Vrrm reapplied
Per leg



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com