Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKT26.. Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-VSKT26..
Description  AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKT26.. Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VS-VSKT26.. Datasheet HTML 2Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 3Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 4Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 5Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 6Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 7Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 8Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 9Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VS-VSKT26.., VS-VSKH26.., VS-VSKL26.., VS-VSKN26.. Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Jul-2018
8
Document Number: 94629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SCR/diode common anodes
N
Two SCRs common cathodes
U
Two SCRs common anodes
V
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95368
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT CONFIGURATION CODE
CIRCUIT DRAWING
+
+
K1
(5)
G1
(4)
-
(1)
(2)
(3)
VSKN
1
2
3
4 5
-
-
K1
(5)
K2
(7)
G2
(6)
G1
(4)
+
(1)
(2)
(3)
VSKU
1
2
3
4 5 7 6
1
2
3
4 5 7 6
VSKV
+
+
K1
(5)
K2
(7)
G2
(6)
G1
(4)
-
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com