Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKT26.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-VSKT26..
Description  AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKT26.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-VSKT26.. Datasheet HTML 1Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 2Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 3Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 4Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 5Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 6Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 7Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 8Page - Vishay Siliconix VS-VSKT26.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VS-VSKT26.., VS-VSKH26.., VS-VSKL26.., VS-VSKN26.. Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Jul-2018
1
Document Number: 94629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AAP Gen 7 (TO-240AA) Power Modules
Thyristor/Diode and Thyristor/Thyristor, 27 A
MECHANICAL DESCRIPTION
The AAP Gen 7 (TO-240AA), new generation of APP module,
combines the excellent thermal performances obtained by
the usage of exposed direct bonded copper substrate, with
advanced compact simple package solution and simplified
internal structure with minimized number of interfaces.
FEATURES
• High voltage
• Industrial standard package
• UL approved file E78996
• Low thermal resistance
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• Up to 1600 V
• High surge capability
• Easy mounting on heatsink
ELECTRICAL DESCRIPTION
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.
PRIMARY CHARACTERISTICS
IT(AV) or IF(AV)
27 A
Type
Modules - thyristor, standard
Package
AAP Gen 7 (TO-240AA)
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV) or IF(AV)
85 °C
27
A
IO(RMS)
As AC switch
60
ITSM,
IFSM
50 Hz
400
60 Hz
420
I2t
50 Hz
800
kA2s
60 Hz
730
I2
t
8000
kA2
s
VRRM
Range
400 to 1600
V
TStg
-40 to +125
°C
TJ
-40 to +125
°C


Similar Part No. - VS-VSKT26..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKT26 VISHAY-VS-VSKT26 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
VS-VSKT26 VISHAY-VS-VSKT26 Datasheet
317Kb / 10P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
26-Jul-2018
VS-VSKT26/04 VISHAY-VS-VSKT26/04 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
VS-VSKT26/06 VISHAY-VS-VSKT26/06 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
VS-VSKT26/08 VISHAY-VS-VSKT26/08 Datasheet
310Kb / 9P
Low thermal resistance
21-Mar-14
More results

Similar Description - VS-VSKT26..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKT105 VISHAY-VS-VSKT105_V01 Datasheet
315Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKT71 VISHAY-VS-VSKT71_V01 Datasheet
326Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
26-Jul-2018
VS-VSKT91 VISHAY-VS-VSKT91_V01 Datasheet
329Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
26-Jul-2018
VS-VSKU105 VISHAY-VS-VSKU105_V01 Datasheet
268Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKT105 VISHAY-VS-VSKT105_V02 Datasheet
315Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKT26 VISHAY-VS-VSKT26_V02 Datasheet
317Kb / 10P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
26-Jul-2018
VS-VSKT71 VISHAY-VS-VSKT71_V02 Datasheet
325Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
26-Jul-2018
VS-VSKT91 VISHAY-VS-VSKT91_V02 Datasheet
328Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
26-Jul-2018
VS-VSKU105 VISHAY-VS-VSKU105_V02 Datasheet
267Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Thyristor, 105 A
26-Jul-2018
VS-VSKU91 VISHAY-VS-VSKU91_V02 Datasheet
278Kb / 9P
AAP Gen 7 (TO-240AA) Power Modules Thyristor/Thyristor, 95 A
26-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com