Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5043TR Datasheet(PDF) 15 Page - ams AG

Part # AS5043TR
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043TR Datasheet(HTML) 15 Page - ams AG

Back Button AS5043TR Datasheet HTML 11Page - ams AG AS5043TR Datasheet HTML 12Page - ams AG AS5043TR Datasheet HTML 13Page - ams AG AS5043TR Datasheet HTML 14Page - ams AG AS5043TR Datasheet HTML 15Page - ams AG AS5043TR Datasheet HTML 16Page - ams AG AS5043TR Datasheet HTML 17Page - ams AG AS5043TR Datasheet HTML 18Page - ams AG AS5043TR Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 15 of 26
14 Alignment Mode
The alignment mode simplifies centering the magnet over
the chip to gain maximum accuracy and XY-alignment
tolerance.
This electrical centering method allows a wider XY-
alignment tolerance (0.485mm radius) than mechanical
centering (0.25mm radius) as it eliminates the placement
tolerance of the die within the IC package (+/- 0.235mm).
Alignment mode can be enabled with the falling edge of
CSn while PROG = logic high (Figure 16). The Data bits
D9-D0 of the SSI change to a 10-bit displacement
amplitude output. A high value indicates large X or Y
displacement, but also higher absolute magnetic field
strength. The magnet is properly aligned, when the
difference between highest and lowest value over one full
turn is at a minimum.
Under normal conditions, a properly aligned magnet will
result in a reading of less than 32 over a full turn.
Stronger magnets or short gaps between magnet and IC
may show values larger than 32. These magnets are still
properly aligned as long as the difference between
highest and lowest value over one full turn is at a
minimum.
The MagInc and MagDec indicators will be = 1 when the
alignment mode reading is < 32. At the same time,
hardware pin MagRngn (#1) will be pulled to VSS.
The Alignment mode can be reset to normal operation
mode by a power-on-reset (cycle power supply) or by a
falling edge of CSn with PROG=low (see Figure 17).
AlignMode enable
PROG
CSn
Read-out
via SSI
2µs
min.
2µs
min.
Figure 16: Enabling the alignment mode
exit AlignMode
PROG
CSn
Read-out
via SSI
Figure 17:Exiting alignment mode
15 Choosing the proper Magnet
Typically the magnet should be 6mm in diameter and 3mm in
height. Magnetic materials such as rare earth AlNiCo, SmCo5 or
NdFeB are recommended.
The magnet’s field strength perpendicular to the die
surface should be verified using a gauss-meter. The
magnetic field Bv at a given distance, along a concentric
circle with a radius of 1.1mm (R1), should be in the range
of ±45mT…±75mT. (see Figure 18).
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Figure 18: Typical magnet and magnetic field distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com