Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5043TR Datasheet(PDF) 26 Page - ams AG

Part # AS5043TR
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043TR Datasheet(HTML) 26 Page - ams AG

Back Button AS5043TR Datasheet HTML 18Page - ams AG AS5043TR Datasheet HTML 19Page - ams AG AS5043TR Datasheet HTML 20Page - ams AG AS5043TR Datasheet HTML 21Page - ams AG AS5043TR Datasheet HTML 22Page - ams AG AS5043TR Datasheet HTML 23Page - ams AG AS5043TR Datasheet HTML 24Page - ams AG AS5043TR Datasheet HTML 25Page - ams AG AS5043TR Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 26 of 26
22 Recommended PCB Footprint:
Recommended Footprint Data
mm
inch
A
9.02
0.355
B
6.16
0.242
C
0.46
0.018
D
0.65
0.025
E
5.01
0.197
23 Revision History
Revision
Date
Description
1.4
Apr. 04, 2006
Update Programming Sequence Figure 11; Update Prog. Conditions 19.7
Include new OTP feature: permanent enabling of analog output (see 11.1.2).
1.3
Sep. 27, 2005
Update added features for Date Codes A534xx and higher:
Clamping levels: 10%/90% VDD, default OPAMP gain = external, red/yellow/green Magnetic field
indicator, exit alignment mode by s/w, falling edge on analog response curve on 45° and 90° modes,
jitter-free transition 360°/0° in analog mode.
Update propagation delay and thermal resistance of IC package
1.2
April 11, 2005
Add description for Analog modes and Programming
1.1
Feb. 18.2005
Update pin assignment and operating modes
1.0
Dec. 7, 2004
initial revision
24 Contact
24.1 Headquarters
austriamicrosystems AG
A 8141 Schloss Premstätten, Austria
Phone: +43 3136 500 0
Fax:
+43 3136 525 01
industry.medical@austriamicrosystems.com
www.austriamicrosystems.com
25 Copyright
Devices sold by austriamicrosystems are covered by the warranty and patent indemnification provisions appearing in its Term of
Sale. austriamicrosystems makes no warranty, express, statutory, implied, or by description regarding the information set forth
herein or regarding the freedom of the described devices from patent infringement. austriamicrosystems reserves the right to
change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is
necessary to check with austriamicrosystems for current information. This product is intended for use in normal commercial
applications.
Copyright © 2006 austriamicrosystems. Trademarks registered ®. All rights reserved. The material herein may not be
reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of
its knowledge, austriamicrosystems asserts that the information contained in this publication is accurate and correct. However,
austriamicrosystems shall not be liable to recipient or any third party for any damages, including but not limited to personal
injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential
damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No
obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems rendering of technical or other
services.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com