Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV797MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV797MM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV797MM Datasheet HTML 1Page - National Semiconductor (TI) LMV797MM Datasheet HTML 2Page - National Semiconductor (TI) LMV797MM Datasheet HTML 3Page - National Semiconductor (TI) LMV797MM Datasheet HTML 4Page - National Semiconductor (TI) LMV797MM Datasheet HTML 5Page - National Semiconductor (TI) LMV797MM Datasheet HTML 6Page - National Semiconductor (TI) LMV797MM Datasheet HTML 7Page - National Semiconductor (TI) LMV797MM Datasheet HTML 8Page - National Semiconductor (TI) LMV797MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
V
IN Differential
±0.3V
Supply Voltage (V
+ –V−)
6.0V
Input/Output Pin Voltage
V
+ +0.3V, V− −0.3V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp (10
sec)
260˚C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40˚C to 125˚C
Supply Voltage (V
+ –V−)
−40˚C
≤ T
A
≤ 125˚C
2.0V to 5.5V
0˚C
≤ T
A
≤ 125˚C
1.8V to 5.5V
Package Thermal Resistance (
θ
JA (Note 3))
5-Pin SOT23
180˚C/W
8-Pin MSOP
236˚C/W
2.5V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 2.5V, V− = 0V, V
CM =V
+/2=V
O. Boldface limits ap-
ply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
0.1
±1.35
±1.65
mV
TC V
OS
Input Offset Average Drift
LMV796 (Note 6)
−1.0
µV/˚C
LMV797 (Note 6)
−1.8
I
B
Input Bias Current
V
CM = 1.0V
(Notes 7, 8)
−40˚C
≤ T
A
≤ 85˚C
0.05
1
25
pA
−40˚C
≤ T
A
≤
125˚C
0.05
1
100
I
OS
Input Offset Current
(Note 8)
10
fA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 1.4V
80
75
94
dB
PSRR
Power Supply Rejection
Ratio
2.0V
≤ V+ ≤ 5.5V, V
CM =0V
80
75
100
dB
1.8V
≤ V+ ≤ 5.5V, V
CM =0V
80
98
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 60 dB
CMRR
≥ 55 dB
−0.3
-0.3
1.5
1.5
V
A
VOL
Large Signal Voltage Gain
V
OUT = 0.15V to 2.2V,
R
LOAD =2k
Ω to V+/2
LMV796
85
80
98
dB
LMV797
82
78
92
V
OUT = 0.15V to 2.2V,
R
LOAD =10k
Ω to V+/2
88
84
110
V
OUT
Output Swing High
R
LOAD =2k
Ω to V+/2
25
75
82
mV from
rail
R
LOAD =10k
Ω to V+/2
20
65
71
Output Swing Low
R
LOAD =2k
Ω to V+/2
30
75
78
R
LOAD =10k
Ω to V+/2
15
65
67
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com