Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV797MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV797MM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV797MM Datasheet HTML 1Page - National Semiconductor (TI) LMV797MM Datasheet HTML 2Page - National Semiconductor (TI) LMV797MM Datasheet HTML 3Page - National Semiconductor (TI) LMV797MM Datasheet HTML 4Page - National Semiconductor (TI) LMV797MM Datasheet HTML 5Page - National Semiconductor (TI) LMV797MM Datasheet HTML 6Page - National Semiconductor (TI) LMV797MM Datasheet HTML 7Page - National Semiconductor (TI) LMV797MM Datasheet HTML 8Page - National Semiconductor (TI) LMV797MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
5V Electrical Characteristics (Continued)
V
OUT
Output Swing High
R
LOAD =2k
Ω to V+/2
35
75
82
mV from
rail
R
LOAD =10k
Ω to V+/2
25
65
71
Output Swing Low
R
LOAD =2k
Ω to V+/2
LMV796
42
75
78
LMV797
50
80
83
R
LOAD =10k
Ω to V+/2
20
65
67
I
OUT
Output Short Circuit Current
Sourcing to V
−
V
IN = 200 mV (Note 9)
45
37
60
mA
Sinking to V
+
V
IN = –200 mV (Note 9)
10
6
21
I
S
Supply Current per Amplifier
LMV796
1.15
1.40
1.75
mA
LMV797
per channel
1.30
1.70
2.05
SR
Slew Rate
A
V = +1, Rising (10% to 90%)
6.0
9.5
V/µs
A
V = +1, Falling (90% to 10%)
7.5
11.5
GBWP
Gain Bandwidth Product
17
MHz
e
n
Input-Referred Voltage Noise
f = 1 kHz
5.8
nV/
i
n
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
THD+N
Total Harmonic Distortion +
Noise
f = 1 kHz, A
V =1,RLOAD = 600
Ω
0.01
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
Note 4: Typical values represent the parametric norm at the time of characterization.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using the statistical quality
control (SQC) method.
Note 6: Offset voltage average drift is determined by dividing the change in VOS by temperature change.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Input bias current and input offset current are guaranteed by design
Note 9: The short circuit test is a momentary test, the short circuit duration is 1.5 ms.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com