Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV797MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV797MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV797MM Datasheet HTML 6Page - National Semiconductor (TI) LMV797MM Datasheet HTML 7Page - National Semiconductor (TI) LMV797MM Datasheet HTML 8Page - National Semiconductor (TI) LMV797MM Datasheet HTML 9Page - National Semiconductor (TI) LMV797MM Datasheet HTML 10Page - National Semiconductor (TI) LMV797MM Datasheet HTML 11Page - National Semiconductor (TI) LMV797MM Datasheet HTML 12Page - National Semiconductor (TI) LMV797MM Datasheet HTML 13Page - National Semiconductor (TI) LMV797MM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, V
– =0,V+ = Supply
Voltage = 5V, V
CM =V
+/2. (Continued)
THD+N vs. Frequency
Open Loop Gain and Phase with Capacitive Load
20183575
20183541
Open Loop Gain and Phase with Resistive Load
Closed Loop Output Impedance vs. Frequency
20183573
20183532
Crosstalk Rejection
Small Signal Transient Response, A
V =+1
20183580
20183538
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com