Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV797MM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV797MM
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV797MM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV797MM Datasheet HTML 11Page - National Semiconductor (TI) LMV797MM Datasheet HTML 12Page - National Semiconductor (TI) LMV797MM Datasheet HTML 13Page - National Semiconductor (TI) LMV797MM Datasheet HTML 14Page - National Semiconductor (TI) LMV797MM Datasheet HTML 15Page - National Semiconductor (TI) LMV797MM Datasheet HTML 16Page - National Semiconductor (TI) LMV797MM Datasheet HTML 17Page - National Semiconductor (TI) LMV797MM Datasheet HTML 18Page - National Semiconductor (TI) LMV797MM Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Information (Continued)
(3)
Calculating C
F from Equation (3) can sometimes return un-
reasonably small values (<1 pF), especially for high speed
applications. In these cases, it is often more practical to use
the circuit shown in Figure 10 in order to allow more reason-
able values. In this circuit, the capacitance C
F' is (1+ RB/RA)
times the effective feedback capacitance, C
F. A larger ca-
pacitor can now be used in this circuit to obtain a smaller
effective capacitance.
For example, if a C
F of 0.5 pF is needed, while onlya5pF
capacitor is available, R
B and RA can be selected such that
R
B/RA = 9. This would convert a CF'of5pFintoaCF of
0.5 pF. This relationship holds as long as R
A << RF.
LMV796 AS A TRANSIMPEDANCE AMPLIFIER
The LMV796 was used in the designs for a number of
amplifiers with varying transimpedance gains and source
capacitances. The gains, bandwidths and feedback capaci-
tances of the circuits created are summarized in Table 1. The
frequency responses are presented in Figure 11 and Figure
12. The feedback capacitances are slightly different from the
formula in Equation (3), since the parasitic capacitance of
the board and the feedback resistor R
F had to be accounted
for.
TABLE 1.
Transimpedance, A
TI
C
IN
C
F
−3 dB Frequency
470000
50 pF 1.5 pF
350 kHz
470000
100 pF 2.0 pF
250 kHz
470000
200 pF 3.0 pF
150 kHz
47000
50 pF 4.5 pF
1.5 MHz
47000
100 pF 6.0 pF
1 MHz
47000
200 pF 9.0 pF
700 kHz
HIGH GAIN WIDEBAND TRANSIMPEDANCE
AMPLIFIER USING THE LMV797
The LMV797 dual, low noise, wide bandwidth, CMOS input
op amp IC can be used for compact, robust and integrated
solutions for sensing and amplifying wide-band signals ob-
tained from sensitive photodiodes. One of the two op amps
available can be used to obtain transimpedance gain while
20183584
FIGURE 9. C
F Selection for Stability
20183571
FIGURE 10. Obtaining Small C
F from Large CF'
20183577
FIGURE 11. Frequency Response for A
TI = 470000
20183578
FIGURE 12. Frequency Response for A
TI = 47000
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com