Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940CGEFL/RV Datasheet(PDF) 76 Page - Cirrus Logic

Part # WM8940CGEFL/RV
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/RV Datasheet(HTML) 76 Page - Cirrus Logic

Back Button WM8940CGEFL/RV Datasheet HTML 72Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 73Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 74Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 75Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 76Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 77Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 78Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 79Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
WM8940
76
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
31(1Fh)
15:0
0000h
Reserved
32 (20h)
15:10
ALCGAIN [5:0]
000000
Readback from this register will return the ALC gain in
this position
Input Limiter /
Automatic Level
Control (ALC)
9
0
Reserved
8
ALCSEL
0
ALC function select
0=ALC disabled
1=ALC enabled
Input Limiter /
Automatic Level
Control (ALC)
7:6
00
Reserved
5:3
ALCMAX
111
Set Maximum Gain of PGA
Input Limiter /
Automatic Level
Control (ALC)
2:0
ALCMIN
000
Set minimum gain of PGA
Input Limiter /
Automatic Level
Control (ALC)
33 (21h)
15:8
000h
Reserved
7:4
ALCHLD
000
ALC hold time before gain is increased.
Input Limiter /
Automatic Level
Control (ALC)
3:0
ALCLVL
1011
ALC threshold level. Sets the desired signal level.
Input Limiter /
Automatic Level
Control (ALC)
34 (22h)
15:9
00h
Reserved
8
ALCMODE
0
Determines the ALC mode of operation:
0=Normal mode
1=Limiter mode.
Input Limiter /
Automatic Level
Control (ALC)
7:4
ALCDCY
0011
Decay (gain ramp-up) time
Input Limiter /
Automatic Level
Control (ALC)
3:0
ALCATK
0010
ALC attack (gain ramp-down) time
Input Limiter /
Automatic Level
Control (ALC)
35 (23h)
15:4
000h
Reserved
3
NGEN
0
Noise gate function enable
1 = enable
0 = disable
Input Limiter /
Automatic Level
Control (ALC)
2:0
NGTH
000
Noise gate threshold
Input Limiter /
Automatic Level
Control (ALC)
36 (24h)
15:8
00h
Reserved
7
PLL_POWERD
OWN
0
PLL POWER
0=On
1=Off
Master Clock and
Phase Locked
Loop (PLL)
6
FRACEN
1
Fractional Divide within the PLL
0=Disabled (Lower Power)
1=Enabled
Master Clock and
Phase Locked
Loop (PLL)
5:4
PLLPRESCALE 00
00 = MCLK input multiplied by 2
01 = MCLK input not divided
10 = Divide MCLK by 2 before input to PLL
11 = Divide MCLK by 4 before input to PLL
Master Clock and
Phase Locked
Loop (PLL)
3:0
PLLN[3:0]
1100
Integer (N) part of PLL input/output frequency ratio.
Use values greater than 5 and less than 13.
Master Clock and
Phase Locked
Loop (PLL)
37 (25h)
15:6
000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com