Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940CGEFL/RV Datasheet(PDF) 2 Page - Cirrus Logic

Part # WM8940CGEFL/RV
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/RV Datasheet(HTML) 2 Page - Cirrus Logic

  WM8940CGEFL/RV Datasheet HTML 1Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 2Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 3Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 4Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 5Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 6Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 7Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 8Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
WM8940
2
Rev 4.4
BLOCK DIAGRAM
CONTROL
INTERFACE
MICBIAS
DGND
250 k
250 k
ADCREF,
DACREF
I
2S or PCM
INTERFACE
A-law and u-law support
ADC
DAC
DIGITAL
FILTERS
Volume
Digital
Playback
Limiter
ADC
DIGITAL
FILTERS
Volume
Wind Noise
Filter
4 Notch
Filters
ALC /
Limiter
50k
50k
4k
5k
BYPASS PATH
DCVDD
SPKVDD
SPKGND
SPKOUTP
SPKOUTN
L - (-R)
= L+R
MONOOUT
AUX
20k
20k
analogue
inputs
Rbias
Mic
NOISY
GND
-12dB to +35. 25dB,
0. 75dB steps
MICN
MICP
MIC
INPUT
PGA
INPUT
BOOST
MIXER
0dB/10dB
0dB/10dB
PGA Gain
Readback
GPIO
PLL
-12dB to +6dB, 3dB steps
-12dB to +6dB, 3dB steps
0dB or +20dB
DSP CORE
OUTPUTS
-57dB to +6dB,
1dB st eps
DAC
MIC +
or addit ional line input
MIC -
or single-ended MIC input
WM8940
DBVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com