Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940CGEFL/RV Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8940CGEFL/RV
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/RV Datasheet(HTML) 1 Page - Cirrus Logic

  WM8940CGEFL/RV Datasheet HTML 1Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 2Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 3Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 4Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 5Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 6Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 7Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 8Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Mono CODEC with Speaker Driver
http://www.cirrus.com
Copyright
© Cirrus Logic, Inc., 2006–2022
(All Rights Reserved)
Rev 4.4
JAN 2022
WM8940
DESCRIPTION
The WM8940 is a low power, high quality mono CODEC
designed for portable applications such as digital still cameras
or camcorders.
The device integrates support for a differential or single ended
mic, and includes drivers for speakers or headphone, and
mono line output. External component requirements are
reduced as no separate microphone or headphone amplifiers
are required.
Advanced Sigma Delta Converters are used along with digital
decimation and interpolation filters to give high quality audio at
sample rates from 8 to 48ks/s. A selectable high pass filter and
four fully-programmable notch filters are available in the ADC
path. An advanced mixed signal ALC function with noise gate
is provided, while readback of PGA gain during ALC operation
is supported. The digital audio interface supports A-law and
-
law companding.
An on-chip PLL is provided to generate the required Master
Clock from an external reference clock. The PLL clock can
also be output if required elsewhere in the system.
The WM8940 operates at supply voltages from 2.5 to 3.6V,
although the digital supplies can operate at voltages down to
1.71V to save power. Different sections of the chip can also be
powered down under software control using the selectable two
or three wire control interface.
WM8940 is supplied in a very small 4x4mm QFN package,
offering high levels of functionality in minimum board area, with
high thermal performance.
FEATURES
•
Mono CODEC:
•
Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
•
DAC SNR 98dB, THD -84
dB (‘A’-weighted @ 8 – 48ks/s)
•
ADC SNR 94dB, THD -
80dB (‘A’-weighted @ 8 – 48ks/s)
•
On-chip Headphone/Speaker Driver
-
40mW output power into 16
-
BTL speaker drive 0.4W into 8
•
Additional MONO Line output
•
Multiple analogue
or ‘Aux’ inputs, plus analogue bypass path
•
Mic Preamps:
•
Differential or single end Microphone Interface
-
Programmable preamp gain
-
Pseudo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
OTHER FEATURES
•
Digital Playback Limiter
•
Programmable high pass filter (wind noise reduction)
•
4 notch filters (narrowband noise suppression)
•
On-chip PLL
•
Low power, low voltage
-
2.5V to 3.6V (digital: 1.71V to 3.6V)
•
4x4x0.9mm 24 lead QFN package
APPLICATIONS
•
Digital still cameras and camcorders
•
General purpose mono audio CODEC


Similar Part No. - WM8940CGEFL/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
More results

Similar Description - WM8940CGEFL/RV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
Mono Audio Codec with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com